Electronic Components Datasheet Search
  English  ▼

X  

AME385AEAT Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME385AEAT
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEAT Datasheet(HTML) 5 Page - Analog Microelectronics

  AME385AEAT Datasheet HTML 1Page - Analog Microelectronics AME385AEAT Datasheet HTML 2Page - Analog Microelectronics AME385AEAT Datasheet HTML 3Page - Analog Microelectronics AME385AEAT Datasheet HTML 4Page - Analog Microelectronics AME385AEAT Datasheet HTML 5Page - Analog Microelectronics AME385AEAT Datasheet HTML 6Page - Analog Microelectronics AME385AEAT Datasheet HTML 7Page - Analog Microelectronics AME385AEAT Datasheet HTML 8Page - Analog Microelectronics AME385AEAT Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME
5
AME385-1.2
Shunt Bandgap Voltage Reference
Rev.G.03
n Absolute Maximum Ratings
n Recommended Operating Conditions
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Current
50
mA
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
Storage Temperature Range
TSTG
- 65 to +150
oC
Supply Current
100
µA ~ 20mA
Parameter
Symbol
Min
Typ
Max
Units
Reference Voltage,
±0.5%
VREF
1.229 1.235 1.241
V
1.5
3
5
20
Reverse Dynamic Impedence
RDI
1.5
Ohm
Wideband Noise (rms)
Vn
60
µV
Long term Stability
20
ppm
Reference Voltage Temp. Coeff.
VREFTC
100
ppm/
oC
Operation Current
IOP
0.030
20
mA
mV
Test Condition
Reference Voltage Change With
Current
dVREF/I
IREF = 100µA
IMIN < I < 1mA
1mA < I < 20mA
IR= 100µA, 10 Hz<f<10KHz
IR= 100µA, TA=25
oC,
T=1000 Hours
IR= 100µA, f=20Hz
0
oC < T
A < 70
oC
n Electrical Specifications
Unless otherwise specified, T
A = 0~70
OC, I
R = 100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com