Electronic Components Datasheet Search
  English  ▼

X  

AME385AEATZ Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME385AEATZ
Description  Shunt Bandgap Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385AEATZ Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME385AEATZ Datasheet HTML 3Page - Analog Microelectronics AME385AEATZ Datasheet HTML 4Page - Analog Microelectronics AME385AEATZ Datasheet HTML 5Page - Analog Microelectronics AME385AEATZ Datasheet HTML 6Page - Analog Microelectronics AME385AEATZ Datasheet HTML 7Page - Analog Microelectronics AME385AEATZ Datasheet HTML 8Page - Analog Microelectronics AME385AEATZ Datasheet HTML 9Page - Analog Microelectronics AME385AEATZ Datasheet HTML 10Page - Analog Microelectronics AME385AEATZ Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME
7
AME385-1.2
Shunt Bandgap Voltage Reference
Rev.G.03
Operation Current (mA)
1
100
-1
0
1
2
0.01
Normalized Percentage Change vs. Temp.
Reference Voltage Change vs. Current
Reverse Characteristic
Forward Characteristic
Line Transient Response
Temperature (oC)
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-50
0
50
100
150
I=100
µA
0.65
1.3
0.1
1
10
100
0
V
R (V)
85OC
25OC
85OC
25OC
V
F (V)
0.1
10
0
0.125
1
0.001
VR
V
IN
200
µS/DIV
25oC
n Characterization Curve(For reference only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com