Electronic Components Datasheet Search
  English  ▼

X  

SN74F2373DB Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74F2373DB
Description  25-ohm OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F2373DB Datasheet(HTML) 4 Page - Texas Instruments

  SN74F2373DB Datasheet HTML 1Page - Texas Instruments SN74F2373DB Datasheet HTML 2Page - Texas Instruments SN74F2373DB Datasheet HTML 3Page - Texas Instruments SN74F2373DB Datasheet HTML 4Page - Texas Instruments SN74F2373DB Datasheet HTML 5Page - Texas Instruments SN74F2373DB Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN74F2373
25-
Ω OCTAL TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SDFS100 – JANUARY 1996
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LE high
6
6
ns
tsu
Setup time, data before LE
↓
2
2
ns
th
Hold time, data after LE
↓
5
6
ns
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 PF,
R1 = 500 Ω,
R2 = 500 Ω,
TA = 25°C
VCC = 4.5 V TO 5.5 V, CL
= 50 PF,
R1 = 500 Ω,
R2 = 500 Ω,
TA = MIN TO MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
D
Q
2.2
4.4
7
2.1
9
ns
tPHL
D
Q
1.2
4.1
5.5
1.2
7
ns
tPLH
LE
Q
4.2
7.3
11.5
4.2
13
ns
tPHL
LE
Q
2.2
4.2
7
2.2
8
ns
tPZH
OE
Q
1.2
4.1
11
1.2
12
ns
tPZL
OE
Q
1.2
6
8.3
1.2
9.5
ns
tPHZ
OE
Q
1.2
4.2
6.5
1.2
7.5
ns
tPLZ
OE
Q
1.2
3.5
6
1.2
6
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com