Electronic Components Datasheet Search
  English  ▼

X  

SN74F260D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F260D
Description  DUAL 5-INPUT POSITIVE-NOR GATE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F260D Datasheet(HTML) 1 Page - Texas Instruments

  SN74F260D Datasheet HTML 1Page - Texas Instruments SN74F260D Datasheet HTML 2Page - Texas Instruments SN74F260D Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SN74F260
DUAL 5-INPUT POSITIVE-NOR GATE
SDFS012A – D3214, JANUARY 1989 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
The SN74F260 contains two independent 5-input
positive-NOR gates. It performs the Boolean
functions Y = A + B + C + D + E in positive logic.
The SN74F260 is characterized for operation from
0
°C to 70°C.
logic symbol†
logic diagram, each gate (positive logic)
1
1A
2
1B
1Y
5
3
1C
12
1D
2Y
6
8
2B
9
2C
A
B
Y
≥ 1
C
D
E
10
2D
11
2E
13
1E
4
2A
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)‡
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.
D OR N PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1C
2A
1Y
2Y
GND
VCC
1E
1D
2E
2D
2C
2B
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F260D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F260D TI1-SN74F260D Datasheet
554Kb / 10P
DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260D TI2-SN74F260D Datasheet
428Kb / 11P
DUAL 5-INPUT POSITIVE-NOR GATE
REVISED OCTOBER 1993
SN74F260DR TI1-SN74F260DR Datasheet
554Kb / 10P
DUAL 5-INPUT POSITIVE-NOR GATE
SN74F260DR TI2-SN74F260DR Datasheet
428Kb / 11P
DUAL 5-INPUT POSITIVE-NOR GATE
REVISED OCTOBER 1993
SN74F260DR.A TI2-SN74F260DR.A Datasheet
428Kb / 11P
DUAL 5-INPUT POSITIVE-NOR GATE
REVISED OCTOBER 1993
More results

Similar Description - SN74F260D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS260 MOTOROLA-SN54LS260 Datasheet
119Kb / 4P
DUAL 5-INPUT NOR GATE
logo
National Semiconductor ...
DM54LS260 NSC-DM54LS260 Datasheet
124Kb / 6P
Dual 5-Input NOR Gate
logo
NXP Semiconductors
74F260 PHILIPS-74F260 Datasheet
68Kb / 8P
Dual 5-input NOR gate
1988 Nov 29
logo
Texas Instruments
SN74AUC2G02 TI-SN74AUC2G02 Datasheet
259Kb / 11P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74AUC2G02 TI-SN74AUC2G02_09 Datasheet
537Kb / 13P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Unisonic Technologies
74LVC2G02 UTC-74LVC2G02 Datasheet
171Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
74LVC2G02 UTC-74LVC2G02_15 Datasheet
165Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
U74LVC2G86 UTC-U74LVC2G86_15 Datasheet
199Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
logo
Texas Instruments
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
DUAL 2-INPUT POSITIVE-NOR GATE
SN74F260 TI1-SN74F260_14 Datasheet
554Kb / 10P
DUAL 5-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com