Electronic Components Datasheet Search
  English  ▼

X  

PO005 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PO005
Description  DC Fans and Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PO005 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PO005 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/19/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
1
DC Fans and Blowers
PO005-12D-1B-3
PO005-24D-1B-3
Features
Size:
40 x 40 x 20 mm
(1.6" x 1.6" x 0.8")
Airflow:
5 CFM
Lead Wire:
AWG24 (UL1007)
Impeller/Frame: Reinforced Plastic (UL94V-0)
Bearings:
Sealed Ball
Dimensions – inches mm
20
±0.5
Air Flow
4-ø4.3
32
±0.3
40
±0.5
Air Flow vs Air Pressure
0
10.2/20.4 VDC
12/24 VDC
13.8/27.6 VDC
Air Volume (cfm)
.35
.30
.25
.20
.15
.10
.05
0
01
2
3
456
7
8
Performance
*Measured 1 m from intake
Type
Rated
Voltage
Rated Current
(A)
Max Air
Flow)
Max Air
Pressure
Noise*
Operating
Voltage
Operating
Temperature
Life Expectancy
(Hr)
(V)
Locked
Moved
(CFM
(In H2O)
(dBA)
(V)
(°C)
(@ 25°)
PO005-12D-1B-3
12
.20
.15
5.0
.25
35
10.2~13.8
-10~ +60
50,000
PO005-24D-1B-3
24
.12
.10
5.0
.25
35
20.4~27.6
-10~ +60
50,000
UL
E101153
CSA LR83514
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - PO005

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PO002 PURDY-PO002 Datasheet
62Kb / 1P
DC Fans and Blowers
PO002-05D-2510B-4 PURDY-PO002-05D-2510B-4 Datasheet
62Kb / 1P
DC Fans and Blowers
PO002-12D-2510B-4 PURDY-PO002-12D-2510B-4 Datasheet
62Kb / 1P
DC Fans and Blowers
PO004 PURDY-PO004 Datasheet
62Kb / 1P
DC Fans and Blowers
PO004-05D-3010B-4 PURDY-PO004-05D-3010B-4 Datasheet
62Kb / 1P
DC Fans and Blowers
More results

Similar Description - PO005

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
HS-05D-4508S-4 PURDY-HS-05D-4508S-4 Datasheet
100Kb / 1P
DC Fans and Blowers
PM082-12D-4B PURDY-PM082-12D-4B Datasheet
66Kb / 1P
DC Fans and Blowers
PO002 PURDY-PO002 Datasheet
62Kb / 1P
DC Fans and Blowers
PO004 PURDY-PO004 Datasheet
62Kb / 1P
DC Fans and Blowers
PO014 PURDY-PO014 Datasheet
70Kb / 1P
DC Fans and Blowers
PO042 PURDY-PO042 Datasheet
193Kb / 1P
DC Fans and Blowers
PO045 PURDY-PO045 Datasheet
91Kb / 1P
DC Fans and Blowers
PO053 PURDY-PO053 Datasheet
69Kb / 1P
DC Fans and Blowers
PM082 PURDY-PM082 Datasheet
66Kb / 1P
DC Fans and Blowers
POB28 PURDY-POB28 Datasheet
85Kb / 1P
DC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com