Electronic Components Datasheet Search
  English  ▼

X  

SN74F543 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F543
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F543 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F543 Datasheet HTML 1Page - Texas Instruments SN74F543 Datasheet HTML 2Page - Texas Instruments SN74F543 Datasheet HTML 3Page - Texas Instruments SN74F543 Datasheet HTML 4Page - Texas Instruments SN74F543 Datasheet HTML 5Page - Texas Instruments SN74F543 Datasheet HTML 6Page - Texas Instruments SN74F543 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74F543
OCTAL REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SDFS025B – D2942, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 3-State True Outputs
• Back-to-Back Registers for Storage
• Package Options Include Plastic
Small-Outline and Shrink Small-Outline
Packages and Standard Plastic 300-mil
DIPs
description
The SN74F543 octal transceiver contains two
sets of D-type latches for temporary storage of
data
flowing
in
either
direction.
Separate
latch-enable (LEAB or LEBA) and output enable
(OEAB or OEBA) inputs are provided for each
register to permit independent control in either
direction of data flow. The A outputs are
characterized to sink 24 mA while the B outputs
are characterized to sink 64 mA.
The A-to-B enable (CEAB) input must be low in order to enter data from A or to output data from B. Having CEAB
low and LEAB low makes the A-to-B latches transparent; a subsequent low-to-high transition of LEAB puts the
A latches in the storage mode. With CEAB and OEAB both low, the 3-state B outputs are active and reflect the
data present at the output of the A latches. Data flow from B to A is similar, but requires using the CEBA, LEBA,
and OEBA inputs.
The SN74F543 is available in TI’s shrink small-outline package (DB), which provides the same I/O pin count
and functionality of standard small-outline packages in less than half the printed-circuit-board area.
The SN74F543 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE†
INPUTS
OUTPUT
CEAB
LEAB
OEAB
A
B
H
X
X
X
Z
X
XH
X
Z
L
HL
X
B0‡
L
LL
L
L
L
L
L
H
H
† A-to-B data flow is shown; B-to-A flow control is the
same except that it uses CEBA, LEBA, and OEBA.
‡ Output level before the indicated steady-state input
conditions were established.
DB, DW, OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LEBA
OEBA
A1
A2
A3
A4
A5
A6
A7
A8
CEAB
GND
VCC
CEBA
B1
B2
B3
B4
B5
B6
B7
B8
LEAB
OEAB
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F543 TI1-SN74F543 Datasheet
506Kb / 13P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI2-SN74F543 Datasheet
274Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1993
SN74F543DBLE TI1-SN74F543DBLE Datasheet
506Kb / 13P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543DBR TI1-SN74F543DBR Datasheet
506Kb / 13P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543DBR TI2-SN74F543DBR Datasheet
274Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED OCTOBER 1993
More results

Similar Description - SN74F543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT543A TI-SN74ABT543A Datasheet
108Kb / 7P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A Datasheet
150Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT543 FAIRCHILD-74ABT543 Datasheet
78Kb / 8P
Octal Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI-SN74LVC543A_03 Datasheet
174Kb / 10P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11544 TI1-74ACT11544 Datasheet
117Kb / 8P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11543 TI1-74ACT11543_11 Datasheet
379Kb / 12P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74F543 TI1-SN74F543_15 Datasheet
506Kb / 13P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC543A TI1-SN74LVC543A_16 Datasheet
823Kb / 16P
OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com