Electronic Components Datasheet Search
  English  ▼

X  

PO045 Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # PO045
Description  DC Fans and Blowers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

PO045 Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  PO045 Datasheet HTML 1Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/19/07
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com •
www.purdyelectronics.com
1
DC Fans and Blowers
PO045-12D-9225B-4T
PO045-24D-9225B-4T
Features
Size:
92 x 92 x 25 mm (3.62" x 3.62" x 1.0")
Airflow:
45 CFM
Lead Wire:
AWG24 (UL1007)
Weight:
101 g
Noise:
31.3 dBA
Impeller/Frame: Reinforced Plastic (UL94V-0)
Bearings:
Sealed Ball
Dimensions – inches (mm)
Air Flow vs Air Pressure
Performance
* Measured 1 m from intake
Cmm
20
10
40
30
.5
1
1.5
2
2.5
0
50
17.6
40.2
52.5
70.4
88
0
CFM
Type
Rated
Voltage
(V)
Rated Current
(A)
Max
Air
Flow
(CFM)
Max Air
Pressure
(In H2O)
Noise*
(dBA)
Operating
Voltage
(V)
Operating
Temperature
(°C)
Life
Expectancy
(Hr)
(@ 25°C ±15°)
Locked
Moved
PO045-12D-9225B-4T
12
.170
.
45
0.092
31.3
10.8~13.2
-25 ~ +65
50,000
PO045-24D-9225B-4T
24
.120
.
45
0.092
31.3
21.6~26.4
-25 ~ +65
50,000
UL
E101153
CSA LR74525
• RoHS Compliant


Similar Part No. - PO045

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
PO042 PURDY-PO042 Datasheet
193Kb / 1P
DC Fans and Blowers
PO042-12D-3B-2 PURDY-PO042-12D-3B-2 Datasheet
193Kb / 1P
DC Fans and Blowers
PO042-24D-3B-2 PURDY-PO042-24D-3B-2 Datasheet
193Kb / 1P
DC Fans and Blowers
More results

Similar Description - PO045

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
HS-05D-4508S-4 PURDY-HS-05D-4508S-4 Datasheet
100Kb / 1P
DC Fans and Blowers
PM082-12D-4B PURDY-PM082-12D-4B Datasheet
66Kb / 1P
DC Fans and Blowers
PO002 PURDY-PO002 Datasheet
62Kb / 1P
DC Fans and Blowers
PO004 PURDY-PO004 Datasheet
62Kb / 1P
DC Fans and Blowers
PO014 PURDY-PO014 Datasheet
70Kb / 1P
DC Fans and Blowers
PO019 PURDY-PO019 Datasheet
85Kb / 1P
DC Fans and Blowers
PO042 PURDY-PO042 Datasheet
193Kb / 1P
DC Fans and Blowers
PO053 PURDY-PO053 Datasheet
69Kb / 1P
DC Fans and Blowers
PM082 PURDY-PM082 Datasheet
66Kb / 1P
DC Fans and Blowers
POB28 PURDY-POB28 Datasheet
85Kb / 1P
DC Fans and Blowers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com