Electronic Components Datasheet Search
  English  ▼

X  

78094 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 78094
Description  EXTreme MicroPower??4.00mm (0.157?? Pitch Board-to-Board Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

78094 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  78094 Datasheet HTML 1Page - Molex Electronics Ltd. 78094 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.molex.com/link/ext-power.html
Order No. 987650-3007
USA/KC/2009.03
© 2009, Molex
FEATURES AND SPECIFICATIONS
EXTreme Power® Products
EXTreme Power® Products
The need for high-current power interconnect solutions in increasingly smaller space continues to rise rapidly. Solving this power equation on new architectures and system
platforms has been a major focus for Molex product development teams. The new Molex EXTreme Power® family of products is the direct result of listening intently to
our customers’ electrical and mechanical design challenges. Since no two applications are the same, the Molex EXTreme Power® offering is comprised of several product
families that cover a wide range of current densities, mechanical envelopes, mating terminations and configuration choices that give system designers the ability to
maximize their power interconnect needs.
50.0 A / Contact
215.0 A / Sq. in.
33.0 A / Sq. cm
10.00mm
16.0 A / Blade
618.0 A / Sq. in.
96.0 A / Sq. cm
4.00mm
40.0 A / Blade
445.0 A / Sq. in.
68.0 A / Sq. cm
15.00mm
30.0 A / Blade
203.0 A / Sq. in.
31.0 A / Sq. cm
14.58mm
30.0 A / Blade
431.0 A / Sq. in.
67.0 A / Sq. cm
7.50mm
60.0 A / Blade
705.0 A / Sq. in.
109.0 A / Sq. cm
10.00mm
150.0 A / Blade
372.0 A / Sq. in.
58.0 A / Sq. cm
25.00mm
EXTreme
MicroPower™
EXTreme
MicroPower™
EXTreme
PowerEdge™
EXTreme
PowerPlus™
(SSI)
EXTreme
LPHPower™
EXTreme
Ten60Power™
EXTreme
PowerMass™



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com