Electronic Components Datasheet Search
  English  ▼

X  

43879 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 43879
Description  4.20mm (.165") Pitch Mini-Fit, CPI Compliant Pin Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

43879 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  43879 Datasheet HTML 1Page - Molex Electronics Ltd. 43879 Datasheet HTML 2Page - Molex Electronics Ltd. 43879 Datasheet HTML 3Page - Molex Electronics Ltd. 43879 Datasheet HTML 4Page - Molex Electronics Ltd. 43879 Datasheet HTML 5Page - Molex Electronics Ltd. 43879 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Visit our Web site at http: // www.molex.com
Order No. USA-143
Printed in USA/5k/JI/JI/10.2000
©2000, Molex
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
Fax: 630-969-1352
Far East North Headquarters
Kanagawa, Japan
Tel: 81-462-65-2324
Fax: 81-462-65-2361
Far East South Headquarters
Jurong, Singapore
Tel: 65-268-6868
Fax: 65-265-6044
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
Fax: 49-89-401527
Corporate Headquarters
2222 Wellington Court
Lisle, Illinois 60532 U.S.A.
Tel: 630-969-4550
Fax: 630-969-1352



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com