Electronic Components Datasheet Search
  English  ▼

X  

85533 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85533
Description  Modular Jack HyperJack
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

85533 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85533 Datasheet HTML 1Page - Molex Electronics Ltd. 85533 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES AND SPECIFICATIONS
Modular Jack
HyperJack™
s
Trade name for Molex, RJ-45 Jack that includes wire
wound components (magnetics)
s
Used for local area networks (LANs) or wide area networks
(WANs) with Ethernet 10 Base T or 100 Base T
characteristics
s
Transformers are used in every port to enable series signal
isolation of the transmission lines
s
Common mode chokes are incorporated in the same
transformer core to achieve a better signal-to-noise ratio
s
Magnetics are used for common mode noise rejection, DC
insulation of cable side versus the board side and possible
transforming of LH signal
s
Resistors and/or cpacitors are incorporated to terminate
noise from the non used pair
s
An overmolded installation box in the jack is used to
mount, solder, pot magnetics, resistors, and capacitors
during high volume production
Molex's
HyperJack RJ-45
modular jacks feature integrated
magnetics, capacitors
and resistors.
Features and Benefits


Similar Part No. - 85533

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8553 PHOENIX-8553 Datasheet
320Kb / 22P
AXL E ETH DI8 DO4 2A M12 6P
logo
Belden Inc.
8553 BELDEN-8553 Datasheet
387Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
TE Connectivity Ltd
855366-000 TEC-855366-000 Datasheet
189Kb / 5P
202237-1
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
350 MHz SAW Filter
855377 TRIQUINT-855377_15 Datasheet
527Kb / 5P
350 MHz SAW Filter
More results

Similar Description - 85533

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857801005 MOLEX9-0857801005 Datasheet
312Kb / 4P
HyperJack 1000 2x6 Modular Jack LED NonPOE
logo
Adam Technologies, Inc.
MTJ-88TX1-FSZ-D1LG-M62 ADAM-TECH-MTJ-88TX1-FSZ-D1LG-M62 Datasheet
103Kb / 1P
Modular jack
logo
CUI INC
CRJ004-ML1-TH CUI-CRJ004-ML1-TH Datasheet
350Kb / 4P
MODULAR JACK
CRJ009-ML4-TH CUI-CRJ009-ML4-TH Datasheet
382Kb / 4P
MODULAR JACK
CRJ019-1-TH CUI-CRJ019-1-TH Datasheet
286Kb / 3P
MODULAR JACK
CRJ021-3-TH CUI-CRJ021-3-TH Datasheet
288Kb / 3P
MODULAR JACK
CRJ024-1-TH CUI-CRJ024-1-TH Datasheet
306Kb / 3P
MODULAR JACK
CRJ035-3-TH CUI-CRJ035-3-TH Datasheet
315Kb / 3P
MODULAR JACK
04/16/2021
CRJ052-1H-TH CUI-CRJ052-1H-TH Datasheet
372Kb / 3P
MODULAR JACK
04/16/2021
logo
CUI Devices
CRJ059-L1-TH CUID-CRJ059-L1-TH Datasheet
350Kb / 3P
MODULAR JACK
08/05/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com