Electronic Components Datasheet Search
  English  ▼

X  

52116-024X Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 52116-024X
Description  2.50mm (.098") Pitch Splash Proof Wire-to-Wire Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

52116-024X Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  52116-024X Datasheet HTML 1Page - Molex Electronics Ltd. 52116-024X Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.50mm (.098") Pitch
Splash Proof
Wire-to-Wire Systems
Note: Replace X with: 0 = White Color; 1 = Black Color; 2 = Red Color (available in 3 circuit only)
Description
Circuit Size/
Wire Gauge
Material
Packaging
Order No.
Receptacle
2
Polyester, UL 94V-0
Tray
52117-024X
3
52117-034X
4
52117-041X
Plug
2
Polyester, UL 94V-0
Tray
52116-024X
3
52116-034X
4
52116-041X
Male Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50038-8000
Bag
50038-8100
Female Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50039-8000
Bag
50039-8100
Receptacle
2
Polyester, UL 94V-0
Tray
52213-0211
3
52213-0311
4
52213-0417
Plug
2
Polyester, UL 94V-0
Tray
52266-0211
3
52266-0311
4
52266-0417
Male Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50147-8000
Bag
50147-8100
Female Terminal
20-22 AWG
Tin Plated
Phosphor Bronze
Reel
50148-8000
Bag
50148-8100
APPLICATIONS
s
Motorcycle
s
Recreation Vehicle
s
Marine/Boat
s
Bus
s
Automobile Door Mirror
s
Heated Toilet Seat
s
Bug Zapper
s
Outdoor Lighted Sign
s
Vending Machine
s
Medical
s
Factory Automation Equipment
Sealed for Moisture Environments


Similar Part No. - 52116-024X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
52116-0240 MOLEX7-52116-0240 Datasheet
139Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVS 0.3,2 Circuits
52116-0241 MOLEX7-52116-0241 Datasheet
139Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVS 0.3,2 Circuits
52116-0242 MOLEX7-52116-0242 Datasheet
139Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVS 0.3, 2 Circuits
52116-0243 MOLEX7-52116-0243 Datasheet
99Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing for AVSS 0.3, 2 Circuits
More results

Similar Description - 52116-024X

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0521170411 MOLEX7-0521170411 Datasheet
109Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 4 Circuits
0521160411 MOLEX7-0521160411 Datasheet
108Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing, 4 Circuits
0521170341 MOLEX7-0521170341 Datasheet
127Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 3 Circuits
0521160340 MOLEX7-0521160340 Datasheet
125Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing, 3 Circuits
0521160342 MOLEX7-0521160342 Datasheet
125Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing, 3 Circuits
0521170241 MOLEX7-0521170241 Datasheet
149Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits
0521160410 MOLEX7-0521160410 Datasheet
108Kb / 2P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Plug Housing, 4 Circuits
0521170342 MOLEX7-0521170342 Datasheet
127Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 3 Circuits
0521170340 MOLEX7-0521170340 Datasheet
127Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 3 Circuits
0521170240 MOLEX7-0521170240 Datasheet
149Kb / 3P
2.50mm (.098") Pitch Splash Proof Wire-to-Wire Receptacle Housing, 2 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com