Electronic Components Datasheet Search
  English  ▼

X  

4N38 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 4N38
Description  STANDARD THRU HOLE CASE 730A-04
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

4N38 Datasheet(HTML) 2 Page - Motorola, Inc

  4N38 Datasheet HTML 1Page - Motorola, Inc 4N38 Datasheet HTML 2Page - Motorola, Inc 4N38 Datasheet HTML 3Page - Motorola, Inc 4N38 Datasheet HTML 4Page - Motorola, Inc 4N38 Datasheet HTML 5Page - Motorola, Inc 4N38 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4N38 4N38A
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT LED
Forward Voltage (IF = 10 mA)
TA = 25°C
TA = –55°C
TA = 100°C
VF
—
—
—
1.15
1.3
1.05
1.5
—
—
Volts
Reverse Leakage Current (VR = 3 V)
IR
—
—
100
µA
Capacitance (V = 0 V, f = 1 MHz)
CJ
—
18
—
pF
OUTPUT TRANSISTOR
Collector–Emitter Dark Current
(VCE = 60 V, TA = 25°C)
(VCE = 60 V, TA = 100°C)
ICEO
—
—
20
6
50
—
nA
µA
Collector–Base Dark Current (VCB = 60 V)
ICBO
—
2
20
nA
Collector–Emitter Breakdown Voltage (IC = 1 mA)
V(BR)CEO
80
120
—
Volts
Collector–Base Breakdown Voltage (IC = 1 µA)
V(BR)CBO
80
120
—
Volts
Emitter–Collector Breakdown Voltage (IE = 100 µA)
V(BR)ECO
7
7.8
—
Volts
DC Current Gain (IC = 2 mA, VCE = 5 V)
hFE
—
400
—
—
Collector–Emitter Capacitance (f = 1 MHz, VCE = 0)
CCE
—
8
—
pF
Collector–Base Capacitance (f = 1 MHz, VCB = 0)
CCB
—
21
—
pF
Emitter–Base Capacitance ( f = 1 MHz, VEB = 0)
CEB
—
8
—
pF
COUPLED
Output Collector Current (IF = 20 mA, VCE = 1 V)
IC (CTR)(2)
4 (20)
7 (35)
—
mA (%)
Collector–Emitter Saturation Voltage (IC = 4 mA, IF = 20 mA)
VCE(sat)
—
—
1
Volts
Turn–On Time (IC = 2 mA, VCC = 10 V, RL = 100 Ω)(3)
ton
—
5
—
µs
Turn–Off Time (IC = 2 mA, VCC = 10 V, RL = 100 Ω)(3)
toff
—
4
—
µs
Rise Time (IC = 2 mA, VCC = 10 V, RL = 100 Ω)(3)
tr
—
2
—
µs
Fall Time (IC = 2 mA, VCC = 10 V, RL = 100 Ω)(3)
tf
—
3
—
µs
Isolation Voltage (f = 60 Hz, t = 1 sec)(4)
VISO
7500
—
—
Vac(pk)
Isolation Resistance (V = 500 V)(4)
RISO
1011
—
—
Ω
Isolation Capacitance (V = 0 V, f = 1 MHz)(4)
CISO
—
0.2
—
pF
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. Current Transfer Ratio (CTR) = IC/IF x 100%.
3. For test circuit setup and waveforms, refer to Figure 11.
4. For this test, Pins 1 and 2 are common, and Pins 4, 5 and 6 are common.
TYPICAL CHARACTERISTICS
Figure 1. LED Forward Voltage versus Forward Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
10
1
0.1
0.01
0.5
1
IF, LED FORWARD CURRENT (mA)
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
25
°C
100
°C
TA = –55°C
Figure 2. Output Current versus Input Current
PULSE ONLY
PULSE OR DC
0.2
0.1
100
NORMALIZED TO:
IF = 10 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com