Electronic Components Datasheet Search
  English  ▼

X  

CT646CYF Datasheet(PDF) 1 Page - Central Technologies

Part # CT646CYF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT646CYF Datasheet(HTML) 1 Page - Central Technologies

  CT646CYF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2008 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
07.30.08
Size
A
B
C
D
E
Max.
Max.
Max.
Max.
mm
7.4
7.4
5.5
2.0±0.2
5.4
inches
0.29
0.29
0.22
0.08±0.008
0.21
PHYSICAL DIMENSIONS
PAD LAYOUT
3.0
Unit: mm
2.0
4.4
SPECIFICATIONS
Part numbers are marked to indicate tolerance available.
M = ±20%
* Maximum allowable DC current is that which causes a 10% inductance reduction from the initial
value, or coil temperature to rise by 40°C, whichever is smaller. (Reference ambient temperature 20°C).
L Test
DCR
*Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CT646CYF-1R0M
1.0
100
0.023
2.88
CT646CYF-1R2M
1.2
100
0.025
2.85
CT646CYF-1R5M
1.5
100
0.027
2.61
CT646CYF-2R2M
2.2
100
0.030
2.46
CT646CYF-3R3M
3.3
100
0.035
2.28
CT646CYF-4R7M
4.7
100
0.041
2.08
CT646CYF-5R6M
5.6
100
0.044
2.00
CT646CYF-6R8M
6.8
100
0.047
1.94
CT646CYF-8R2M
8.2
100
0.048
1.80
CT646CYF-100M
10
100
0.050
1.68
CT646CYF-120M
12
100
0.070
1.54
CT646CYF-150M
15
100
0.080
1.39
CT646CYF-180M
18
100
0.090
1.26
CT646CYF-220M
22
100
0.110
1.13
CT646CYF-270M
27
100
0.150
1.02
CT646CYF-330M
33
100
0.170
0.84
CT646CYF-390M
39
100
0.180
0.80
CT646CYF-470M
47
100
0.200
0.76
CT646CYF-560M
56
100
0.280
0.64
CT646CYF-680M
68
100
0.320
0.60
CT646CYF-820M
82
100
0.350
0.57
CT646CYF-101M
100
100
0.400
0.50
CT646CYF-121M
120
100
0.440
0.47
CT646CYF-151M
150
100
0.730
0.40
CT646CYF-181M
180
100
0.780
0.39
CT646CYF-221M
220
100
0.940
0.33
CT646CYF-271M
270
100
1.250
0.31
CT646CYF-331M
330
100
1.400
0.27
CT646CYF-391M
390
100
1.520
0.27
CT646CYF-471M
470
100
1.700
0.25
CT646CYF-561M
560
100
2.390
0.22
CT646CYF-681M
680
100
2.500
0.20
CT646CYF-821M
820
100
3.000
0.18
CT646CYF-102M
1000
100
4.100
0.17
CT646CYF Series
From 1.0 µH to 1000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Ideal for a variety of DC/DC converter applications
and low profile use
Operating Temperature: -30°C to +100°C
Inductance Tolerance: ±20%
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant


Similar Part No. - CT646CYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT646FY CT-CT646FY Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FY-100M CT-CT646FY-100M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FY-101M CT-CT646FY-101M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FY-102M CT-CT646FY-102M Datasheet
229Kb / 1P
Power Inductors - Unshielded
CT646FY-120M CT-CT646FY-120M Datasheet
229Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CT646CYF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com