Electronic Components Datasheet Search
  English  ▼

X  

CT960AWF Datasheet(PDF) 1 Page - Central Technologies

Part # CT960AWF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT960AWF Datasheet(HTML) 1 Page - Central Technologies

  CT960AWF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2007 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
04.02.07
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*The IDC is that which causes a 30% inductance reduction from the initial value.
L Test
DCR
Part
Inductance
Freq.
Typ.
IDC*
Number
(µH ±20%)
(kHz)
(
Ω
Ω)
(A)
CT960AWF-1R2M
1.2
100
0.046
1.80
CT960AWF-1R8M
1.8
100
0.054
1.60
CT960AWF-2R3M
2.3
100
0.063
1.50
CT960AWF-3R6M
3.6
100
0.082
1.20
CT960AWF-4R3M
4.3
100
0.092
1.10
CT960AWF-5R1M
5.1
100
0.105
1.00
CT960AWF-6R8M
6.8
100
0.130
0.94
CT960AWF-100M
10
100
0.180
0.80
CT960AWF-150M
15
100
0.270
0.64
CT960AWF-180M
18
100
0.320
0.56
CT960AWF-220M
22
100
0.450
0.49
CT960AWF-330M
33
100
0.640
0.41
CT960AWF-470M
47
100
0.930
0.33
CT960AWF Series
From 1.2 µH to 47 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
XXX
A
Inductance Code
D
C
E
B
Unit: mm
1.30
1.30
3.40
Size
A
B
C
D
E
Max.
Max.
Max.
Max.
Ref.
mm
5.2
5.2
5.6
1.8
0.6
inches
0.205
0.205
0.220
0.071
0.024
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CT960AWF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
CT900001 BEL-CT900001 Datasheet
149Kb / 1P
RJ45 RIGHT ANGLE JACK, 8 CONTACT, 8 POSITION, UNSHIELDED
Rev. A2
CT900002 BEL-CT900002 Datasheet
150Kb / 1P
RJ45 RIGHT ANGLE JACK, 8 CONTACT, 8 POSITION, UNSHIELDED, PANEL STOP
Rev. A2
CT900003 BEL-CT900003 Datasheet
147Kb / 1P
RJ12 RIGHT ANGLE JACK, 6 CONTACT 6 POSITION, UNSHIELDED
Rev A3
CT900004 BEL-CT900004 Datasheet
148Kb / 1P
RJ12 RIGHT ANGLE JACK, 6 CONTACT, 6 POSITION, UNSHIELDED, PANEL STOP
Rev. A3
CT900005 BEL-CT900005 Datasheet
152Kb / 1P
RJ11 VERTICAL JACK, 4 CONTACT, 6 POSITION, UNSHIELDED
Rev. A3
More results

Similar Description - CT960AWF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
CTIHLP73F CT-CTIHLP73F Datasheet
181Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com