Electronic Components Datasheet Search
  English  ▼

X  

IXFN27N80 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFN27N80
Description  HiPerFET Power MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN27N80 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFN27N80 Datasheet HTML 1Page - IXYS Corporation IXFN27N80 Datasheet HTML 2Page - IXYS Corporation IXFN27N80 Datasheet HTML 3Page - IXYS Corporation IXFN27N80 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
Gate Charge - nC
0
100
200
300
400
500
0
2
4
6
8
10
12
Vds=300V
I
D=30A
I
G=10mA
Coss
T
J = 25
OC
V
DS = 400V
I
D = 27A
I
G = 1mA
f = 1MHz
T
J = 125
OC
Ciss
Crss
IXFK 25N80
IXFK 27N80
IXFN 25N80
IXFN 27N80
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic Diode
Figure 10. Transient Thermal Resistance
Pulse Width - Seconds
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Single pulse
D = Duty Cycle
D=0.5
D=0.1
D=0.05
D=0.02
D=0.01
D=0.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com