Electronic Components Datasheet Search
  English  ▼

X  

CTAF03TG Datasheet(PDF) 1 Page - Central Technologies

Part # CTAF03TG
Description  Wire-wound Chip Inductors - Open Wound
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTAF03TG Datasheet(HTML) 1 Page - Central Technologies

  CTAF03TG Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Wire-wound Chip Inductors - Open Wound
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
10.11.06
Size
A
B
C
D
E
mm
3.05
3.18
0.58±0.38
3.68
2.92±0.25
inches
0.12
0.125
0.023±0.015
0.145
0.115±0.01
SPECIFICATIONS
Please specify tolerance code when ordering.
CTAF03T_
G = ±2%, J = ±5%, K = ±10%
* = J or K Tolerance only.
#
Q
DCR
IDC
Part
Inductance
Of
Fact.
SRF
Max.
Max.
Number
(nH)
Turns
Min.
(GHz)
(m
Ω
Ω)
(A)
CTAF01TK
2.5
1
145
12.5
1.1
4
CTAF02T_*
5.0
2
140
6.5
1.8
4
CTAF03T_
8.0
3
140
5.0
2.6
4
CTAF04T_
12.5
4
137
3.3
3.4
4
CTAF05T_
18.5
5
132
2.5
3.9
4
CTBF06T_
17.5
6
100
2.2
4.5
4
CTBF07T_
22.0
7
102
2.1
5.2
4
CTBF08T_
28.0
8
105
1.8
6.0
4
CTBF09T_
35.5
9
112
1.5
6.8
4
CTBF10T_
43.0
10
106
1.2
7.9
4
Not shown at actual size.
CHARACTERISTICS
Description: SMD air core “spring” inductor
Applications: Designed to operate a wide frequency range
application. Also designed to operate in high Q applications.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±2%, ±5%, ±10%,
Testing: Inductance is tested on an HP4286A at 150 MHz
Packaging: Tape & Reel
Tape Size: 12 mm wide CTA series, 16 mm wide CTB series
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
E
C
D
PHYSICAL DIMENSIONS
Size
A
B
C
D
E
mm
3.05
3.18
0.58±0.38
6.86
5.84±0.25
inches
0.12
0.125
0.023±0.015
0.270
0.230±0.01
CTB SERIES
Size
A
B
C
D
E
mm
3.3
2.79
4.19
1.65
1.27
inches
0.13
0.11
0.165
0.065
0.05
PAD LAYOUT
CTA SERIES
Size
A
B
C
D
E
mm
3.3
2.79
7.24
4.7
1.27
inches
0.13
0.11
0.285
0.185
0.05
CTB SERIES
ENGINEERING KIT #13
CTAF & CTBF Series
From 2.5 nH to 43 nH
CTA SERIES
RoHS
Compliant


Similar Part No. - CTAF03TG

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTAF MSYSTEM-CTAF Datasheet
115Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - CTAF03TG

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
Wire-wound Chip Inductors - Open Wound
CT0201LSF CT-CT0201LSF Datasheet
210Kb / 2P
Wire-wound Chip Inductors - Open
CT0402LSF CT-CT0402LSF Datasheet
158Kb / 1P
Wire-wound Chip Inductors - Open
CT0603CTF CT-CT0603CTF Datasheet
164Kb / 1P
Wire-wound Chip Inductors - Open
CT0603QWF CT-CT0603QWF Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Open
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com