Electronic Components Datasheet Search
  English  ▼

X  

LB-501 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # LB-501
Description  Embedded Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

LB-501 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  LB-501 Datasheet HTML 1Page - Protech Systems Co., Ltd. LB-501 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Socket 478 Pentium M Board with VGA/Sound/2LAN
LB-501
LB-501
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan. 2005.
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
System
CPU Type
CPU Frequency
Chipset
DRAM
BIOS
Watchdog
Power Supply
Power Requirement
Power Consumption
Dimension
I/O Chipset
IDE Interface
CF
FDD Interface
Bus Interface
Serial Port
Specifications
R
DIMM 1
DIMM 2
B1
A1
A25
B25
DVO2
B1
A1
A25
B25
DVO1
1
9
8
16
83627
WINBOND
2
1
1
1
1
2
1
1
A30
B30
A1
B1
1
PCI1
1
2
9
10
Battery
PW1
19
20
2
1
1
INTEL
855GM
ICH4
19
1
Intel
82541GI
ALC202A
PERFORMANCE & POWER CONSUMPTION
Multi Media CC
Winstone 2003
Business
Winstone 2002
Power Consumption
+5V / +12V
CPU Type
Pentium R M1.6GHz
32.9
36.8
2.43 / 3.33
3DMark 2001SE
Build 330
2477
www . protech .com .tw
Parallel Port
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-501
Parallel Port
IrDA
Keyboard
Mouse
LAN
Audio
USB
Display
Graphic
LCD Interface
Environment
OperationTemp.
Storage Tmp.
Humidity
Ordering Information
LB-501
Intel Pentium M processor
1.3~2.0 GHz
Intel 855GME + ICH4
2x184-pin DDR DIMM, support DDR266
SDRAMupto2GB
Phoenix-Award PnP BIOS, with VGA BIOS
1~255 secs Watchdog timer selectable
w/Reset/NMI
Support AT/ATX power
+5V, +12V, -12V
+5V:2.83A / +12V:1.96A (Pentium M 1.3GHz)
185mm x 122mm (7.28" x 4.8")
1x40-pin IDE (UDMA 33/66/100)1x44-pin IDE
(UDMA 33/66/100)
1 x compact flash slot (IDE)
1
PCI slot, EPCI BUS
4 x COM ports, COM1/3/4 for RS232, COM2
for RS232/422/485 ( for 16550 compatible
type of UART)
1 x parallel (SPP/EPP/ECP)
1 (SIR)
4-pin header with mini DIN cable
4-pin header with mini DIN cable
LAN 1: Intel 82562EM (10/100 Mbps)
LAN 2: Intel 82541GI (10/100/1000 Mbps)
Support Wake-on-LAN wtih ATX power
AC '97 Codec, Realtek ALC202A with
Line-in/Line-out/MIC
4xUSB2.0
Built-in Intel 855GME, share system memory
Support CRT, LVDS
18/36-bit LVDS
0°~60°C(32°~140°F)
-40°~85°C(-40°~185°F)
Operation humidity 20~90%,
storage humidity 20~95%
5.25" S478 P-M/Celeron-M SBC with VGA/Audio/
LAN x 2(10/100Base-T & 10/100/1000BAse-T)
R
R
R
R
R
R
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com