Electronic Components Datasheet Search
  English  ▼

X  

SSC0604 Datasheet(PDF) 2 Page - Superworld Electronics

Part # SSC0604
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SSC0604 Datasheet(HTML) 2 Page - Superworld Electronics

  SSC0604 Datasheet HTML 1Page - Superworld Electronics SSC0604 Datasheet HTML 2Page - Superworld Electronics SSC0604 Datasheet HTML 3Page - Superworld Electronics SSC0604 Datasheet HTML 4Page - Superworld Electronics SSC0604 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
6. ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTORS
SSC0604 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
05.08.2008
( A )
( m )
Frequency
( µH )
Part No.
Max.
2.90
2.50
2.30
2.20
1.70
2.00
3.50
1.50
1.20
1.30
1.00
0.95
1.10
0.75
0.65
0.70
0.85
1.60
155
0.5V / 10K
47.0 ±30%
SSC0604470YZF
±30%
±30%
±30%
±30%
SSC0604101YZF
100.0
SSC0604560YZF
SSC0604820YZF
SSC0604680YZF
68.0
82.0
56.0
0.5V / 10K
358
0.5V / 10K
0.5V / 10K
0.5V / 10K
234
324
202
±30%
±30%
±30%
±30%
±30%
±30%
±30%
22.0
SSC0604220YZF
SSC0604270YZF
SSC0604390YZF
SSC0604330YZF
33.0
39.0
27.0
SSC0604120YZF
SSC0604180YZF
SSC0604150YZF
18.0
12.0
15.0
96
0.5V / 10K
0.5V / 10K
0.5V / 10K
0.5V / 10K
124
138
109
0.5V / 10K
0.5V / 10K
0.5V / 10K
92
53
57
±30%
±30%
±30%
±30%
±30%
±30%
6.2
SSC06046R2YZF
SSC06047R4YZF
SSC06048R7YZF
SSC0604100YZF
8.7
10.0
7.4
SSC06045R0YZF
SSC06043R3YZF
3.3
5.0
27
0.5V / 10K
0.5V / 10K
0.5V / 10K
0.5V / 10K
34
38
31
0.5V / 10K
0.5V / 10K
( Hz )
20
24
Max.
IDC
Inductance
Test
RDC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com