Electronic Components Datasheet Search
  English  ▼

X  

FB2041A Datasheet(PDF) 1 Page - Texas Instruments

Part # FB2041A
Description  7-BIT TTL/BTL TRANSCEIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

FB2041A Datasheet(HTML) 1 Page - Texas Instruments

  FB2041A Datasheet HTML 1Page - Texas Instruments FB2041A Datasheet HTML 2Page - Texas Instruments FB2041A Datasheet HTML 3Page - Texas Instruments FB2041A Datasheet HTML 4Page - Texas Instruments FB2041A Datasheet HTML 5Page - Texas Instruments FB2041A Datasheet HTML 6Page - Texas Instruments FB2041A Datasheet HTML 7Page - Texas Instruments FB2041A Datasheet HTML 8Page - Texas Instruments FB2041A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN74FB2041A
7-BIT TTL/BTL TRANSCEIVER
SCBS172M – NOVEMBER 1991 – REVISED MARCH 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Compatible With IEEE Std 1194.1-1991
(BTL)
D TTL A Port, Backplane Transceiver Logic
(BTL) B Port
D Open-Collector B-Port Outputs Sink
100 mA
D BIAS VCC Pin Minimizes Signal Distortion
During Live Insertion or Withdrawal
D High-Impedance State During Power Up
and Power Down
D B-Port Biasing Network Preconditions the
Connector and PC Trace to the BTL
High-Level Voltage
D TTL-Input Structures Incorporate Active
Clamping to Aid in Line Termination
14 15 16 17 18 19 20 21 22 23 24 25 26
52 51 50 49 48 47 46 45 44 43 42 41 40
RC PACKAGE
(TOP VIEW)
GND
2AI1
2AI2
2AO2
GND
2AO3
GND
2AI3
3AI1
3AO1
GND
3AO2
GND
GND
2B1
GND
2B2
GND
2B3
GND
3B1
GND
3B2
GND
3B3
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
39
38
37
36
35
34
33
32
31
30
29
28
27
description
The SN74FB2041A is a 7-bit transceiver designed to translate signals between TTL and backplane transceiver
logic (BTL) environments. The device is specifically designed to be compatible with IEEE Std 1194.1-1991.
The B port operates at BTL signal levels. The open-collector B ports are specified to sink 100 mA. Two output
enables (OEB and OEB) are provided for the B outputs. When OEB is high and OEB is low, the B port is active
and reflects the inverse of the data present at the A-input pins. When OEB is low, OEB is high, or VCC is less
than 2.1 V, the B port is turned off. The enable/disable logic partitions the device as two 3-bit sections and one
1-bit section.
The A port operates at TTL signal levels and has split input and output pins. The A outputs reflect the inverse
of the data at the B port when the A-port output enable (OEA) is high. When OEA is low or when VCC is less
than 2.1 V, the A outputs are in the high-impedance state.
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - FB2041A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FB2041 PHILIPS-FB2041 Datasheet
148Kb / 14P
7-bit Futurebus transceiver
1995 May 25
FB2041BB PHILIPS-FB2041BB Datasheet
148Kb / 14P
7-bit Futurebus transceiver
1995 May 25
More results

Similar Description - FB2041A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FBL2040 PHILIPS-FBL2040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
FBL22040 PHILIPS-FBL22040 Datasheet
87Kb / 12P
3.3V BTL8-bit TTL to BTL transceiver
1998 Dec 07
logo
Texas Instruments
SN74FB2032 TI-SN74FB2032 Datasheet
146Kb / 10P
9-BIT TTL/BTL COMPETITION TRANSCEIVER
SN74FB2033A TI-SN74FB2033A Datasheet
196Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033H TI-SN74FB2033H Datasheet
151Kb / 10P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033K TI-SN74FB2033K Datasheet
197Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2040 TI-SN74FB2040 Datasheet
136Kb / 9P
8-BIT TTL/BTL TRANSCEIVER
SN74FB2033K TI-SN74FB2033K_07 Datasheet
207Kb / 14P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033ARCG3 TI1-SN74FB2033ARCG3 Datasheet
173Kb / 12P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
SN74FB2033A TI1-SN74FB2033A_14 Datasheet
751Kb / 17P
8-BIT TTL/BTL REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com