Electronic Components Datasheet Search
  English  ▼

X  

71243-3003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 71243-3003
Description  Double Data Rate (DDR) DIMM Sockets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

71243-3003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  71243-3003 Datasheet HTML 1Page - Molex Electronics Ltd. 71243-3003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FEATURES AND SPECIFICATIONS
1.27mm (.050") Pitch
Double Data Rate (DDR)
DIMM Sockets
71243/71251
For 184 and 200 Circuit DDR
DIMM Memory Modules
As memory speeds continue to increase, Molex
continues to enable the market with quality
connectors. Now we are supporting DDR
technology which is the next step in DIMM
technology. Our DDR DIMM connectors share our
standard DIMM platform which includes contacts,
latches, and a combination of plastic pegs and
forklock for securing the connector during the
manufacturing process. Our terminals have the
longest contact wipe in the industry and our
latches incorporate an alignment feature to aid
module insertion, a dampening feature to resist
vibration, and a latch detent which indicates that
the latches have secured the module in place.
Reference Information
Product Spec: PS-71243
Electrical
Voltage: 100V
Current: 1.0A
Contact Resistance: 30m
Ω max.
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 1000 M
Ω min.
Mechanical
Durability: 25 cycles min.
Mating Force: 5.6 oz. per pair max.
Product Spec: PS-71243
Physical
Housing and Latches: High Temperature Thermo-
plastic, UL 94V-0
Contact: Phosphor Bronze
Plating: Contact Area—2 to 10
µ" Gold Flash over
Palladium Nickel
Solder Tails—75
µ" Tin-Lead
Underplate—50
µ" Nickel
ORDERING INFORMATION
Circuits
Order No.
Function Key
Voltage Key
184
71243-3001
N/A
1.8V / Center
184
71243-3002
N/A
2.5V / Offset Left
184
71243-3003
N/A
3.3V / Offset Right
200
71251-3101
Center
2.5V / Center
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
Fax: 630-969-1352
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
Fax: 81-462-65-2366
Far East South Headquarters
Jurong, Singapore
Tel: 65-268-6868
Fax: 65-265-6044
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
Fax: 49-89-401527
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel: 630-969-4550
Fax: 630-969-1352
Visit our Web site at http: //www.molex.com
Order No. USA-058
Printed in USA/5K/JI/JI/99.06
©
1999, Molex



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com