Electronic Components Datasheet Search
  English  ▼

X  

CTCDRH104RF Datasheet(PDF) 1 Page - Central Technologies

Part # CTCDRH104RF
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCDRH104RF Datasheet(HTML) 1 Page - Central Technologies

  CTCDRH104RF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2009 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
TECHNOLOGIES
02.18.09
SPECIFICATIONS
Parts are available in ±30% tolerance only.
*This IDC indicates the value of current when the inductance is 35% lower than the nominal value.
L Test
DCR
Part
Inductance
Freq.
Max.
*IDC
Number
(µH ±30%)
(kHz)
(m
Ω
Ω)
(A)
CTCDRH104RF-1R0
1.0
100
7.0
10.1
CTCDRH104RF-1R5
1.5
100
8.1
10
CTCDRH104RF-2R5
2.5
100
10
7.5
CTCDRH104RF-3R3
3.3
100
15
7.0
CTCDRH104RF-3R8
3.8
100
15
6.0
CTCDRH104RF-4R7
4.7
100
22
5.8
CTCDRH104RF-5R2
5.2
100
22
5.7
CTCDRH104RF-5R8
5.8
100
22
5.5
CTCDRH104RF-7R0
7.0
100
27
4.8
CTCDRH104RF-100
10
100
35
4.4
CTCDRH104RF-150
15
100
50
3.6
CTCDRH104RF-220
22
100
73
2.9
CTCDRH104RF-270
27
100
100
2.54
CTCDRH104RF-330
33
100
93
2.3
CTCDRH104RF-470
47
100
128
2.1
CTCDRH104RF-680
68
100
213
1.5
CTCDRH104RF-101
100
100
304
1.35
CTCDRH104RF-151
150
100
506
1.15
CTCDRH104RF-221
220
100
756
0.92
CTCDRH104RF-331
330
100
1090
0.7
CTCDRH104RF Series
From 1.0 µH to 330 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +100°C
Storage Temperature: -40°C to +100°C
Inductance Tolerance: ±30%
Testing: Tested on a HP4285A at 100 KHz , 0.25Vrms , 0Adc
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
Size
A
B
C
D
E
F
mm
10.0±0.3
10.0±0.3
3.8±0.2
3.0±0.1
7.7±0.3
1.2±0.15
inches
0.39±0.01
0.39±0.01
0.15±0.01
0.12±0.003
0.30±0.01
0.05±0.006
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTCDRH104RF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCDRH104F CT-CTCDRH104F Datasheet
447Kb / 1P
Power Inductors - Shielded
CTCDRH104F-100M CT-CTCDRH104F-100M Datasheet
447Kb / 1P
Power Inductors - Shielded
CTCDRH104F-101M CT-CTCDRH104F-101M Datasheet
447Kb / 1P
Power Inductors - Shielded
CTCDRH104F-120M CT-CTCDRH104F-120M Datasheet
447Kb / 1P
Power Inductors - Shielded
CTCDRH104F-121M CT-CTCDRH104F-121M Datasheet
447Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTCDRH104RF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com