Electronic Components Datasheet Search
  English  ▼

X  

AP2132 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2132
Description  2A CMOS LDO Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2132 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2132 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2132 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
2A CMOS LDO Regulator
AP2132
Nov. 2008
BCD Semiconductor Manufacturing Limited
1
Description
The AP2132 are positive Voltage regulator ICs
fabricated by CMOS process. It consists of a
voltage reference, an error amplifier, a power
transistor, a resistor network for setting output
voltage,
a
current
limit
circuit
for
current
protection, and a chip enable circuit.
The AP2132 have features of large current, low
dropout voltage, high output voltage accuracy, low
input voltage, The AP2132 provides a Power Good
(PG) signal to indicate if the voltage level of VOUT
reaches 92% of its rating value. And it operates
with a VIN as low as 1.4V and VPP voltage 5V with
output voltage programmable as low as 0.6V.
The AP2132 is available in 1.2V, 1.5V, 1.8V, 2.5V
fixed output voltage versions and ADJ output
voltage version. The fixed versions integrate the
adjust resistors. It is also available in an adjustable
version, which can set the output voltage with
external resistor.
Features
•
Adjustable Output Low to 0.6V
•
Low Dropout Voltage: 300mV at IOUT=2A,
VOUT=1.2V
•
Over
Current
and
Over
Temperature
Protection
•
Enable Pin
•
PSOP-8 package with Thermal Pad
•
Maximum Output Current: 2A
•
High Output Voltage Accuracy: 2%
•
VOUT Power Good signal
•
Excellent Line/Load Regulation
Applications
•
Notebook
Parametric Table
IOUT (Max) (mA)
2000
(Min.)
Supply Current (
µA)
300
VDROP at IOUT=2A(Typ) (V)
0.3
Detect Voltage (Typ) (V)
1.2, 1.5, 1.8,
2.5 and ADJ
VIN (Max) (V)
5.5
PSRR (dB)
60
Load Regulation (Typ) (mV)
10
Line Regulation (Typ) (mV)
2
Operating Temperature (Min)
(
°C)
-40
Operating Temperature (Max)
(
°C)
85
Benefits
•
Easy to Use
•
Very Competitive Price
Additional Available Materials
•
Samples
•
Preliminary Datasheet
•
Reliability Report
•
ESD Report


Similar Part No. - AP2132

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
logo
BCD Semiconductor Manuf...
AP2132A BCDSEMI-AP2132A Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
logo
Diodes Incorporated
AP2132A DIODES-AP2132A Datasheet
402Kb / 11P
PEAK 3A CMOS LDO REGULATOR WITH ENABLE AND P OWER GOOD
Rev. 1 - 2 July 2018
logo
BCD Semiconductor Manuf...
AP2132AMP-1.2G1 BCDSEMI-AP2132AMP-1.2G1 Datasheet
667Kb / 13P
Peak 3A CMOS LDO Regulator with Enable and Power Good
More results

Similar Description - AP2132

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220_10 Datasheet
1Mb / 17P
Dual 2A LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE605 ACE-ACE605 Datasheet
491Kb / 8P
Ultra Low Dropout 2A CMOS LDO
VER 1.3
logo
ON Semiconductor
NCV8605 ONSEMI-NCV8605_13 Datasheet
174Kb / 12P
CMOS LDO Regulator
June, 2013 ??Rev. 2
logo
Bookly Micro electronic
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
Ultra Low Dropout 2A CMOS LDO
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com