Electronic Components Datasheet Search
  English  ▼

X  

AP2204 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2204
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2204 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2204 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2204 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AZ70XX series ICs are under voltage detectors with
a built in voltage threshold and low power consumption.
The AZ70XX are specifically designed to accurately
monitor power supplies.
The AZ70XX use a precision on-chip voltage reference
and a comparator to measure the input operating voltage.
These ICs can accurately reset the system after detecting
voltage at the time of switching power on and instanta-
neous power off in various CPU systems and other logic
systems. The detect voltage thresholds are 2.3V/2.5V/
2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/
31/33/42/45 respectively. Built in hysteresis helps to pre-
vent erratic operation in the presence of noise.
Features
·
Low Current Consumption:
ICCL=300µA Typical
ICCH=30µA Typical
·
Low Minimum Operating Voltage for Output Reset-
ting: 0.8V Typical
·
Built in Hysteresis Voltage: 50mV Typical
·
Open Collector Output
·
Extended Temperature Range: -40 to 85oC
Applications
·
Low Battery Voltage Detector
·
Power Fail Indicator
·
Processor Reset Generator
·
Battery Backup Control
·
Home Electric Appliances
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (Max) (V)
20
Supply Current (Max)(
µA)
500
Detect Voltage (Typ)
2.3, 2.5, 2.7,
2.9, 3.1, 3.3,
4.2, 4.5
Detect Voltage Temperature
Coefficient (%/oC)
±0.01
"H" Transmission Delay Time (
µs)
15
Operating Temperature (Min) (oC)
-40
Operating Temperature (Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report
Pin Configuration
Jun. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
VOLTAGE DETECTOR
AZ70XX
TO-92
SOT-89-3
VCC
GND OUT
1
2
3
OUT
GND
VCC
1
2
3
OUT
GND
VCC
1
2
3
TO-92 Ammo Packing
Features
·
Wide Input Voltage Range: 2.3V to 24V
·
Wide Output Voltage Range: 1.24V to 22V
·
Excellent Ripple Rejetion: 60dB@ f=1kHz
·
Low Dropout Voltage: VDROP=50mV@
IOUT=100µA
·
Low Ground Current
·
High Output Voltage Accuracy
·
Compatible with Low ESR Ceramic Capacitor
·
Excellent Line/Load Regulation
·
Thermal Shtdown Function
May. 2009
BCD Semiconductor Manufacturing Limited
Product Brief
Description
AP2204 series are positive voltage regulator IC fabricated
by high voltage EPNP process.
The AP2204 has features of wide input voltage range and
high accurcay, high ripple rejection, low droput voltage,
low noise, current limit and ultra-low quiescent current
which make them ideal for use in various USB and
portable device.
The IC consists of a voltage reference, an error amplifier,
a resistor network for setting output voltage, a current
limit circuit for current protection, and a chip enable
circuit.
AP2204 has adjustable, 1.8V, 3.3V, 5.0V fixed voltage
versions.
Applications
·
Battery-powered Equipment
·
Laptop, Palmtops, Notebook Computers
·
Portable Information Appliancess
Parametric Table
Maximum Output Current (Min.)
(A)
0.15
Standby Current (Max) (
µA)
1
VDROP at 100µA (Typ) (mV)
50
VIN (Min) (V)
2.3
VIN (Max) (V)
24
VOUT (V)
1.8, 3.3, 5.0,
ADJ.
PSRR (dB)
60
Accuracy (%)
±
2
Load Regulation (Typ) (mV)
15 (3.3V)
Line Regulation (Typ) (mV)
10 (3.3V)
On/Off Pin
Yes
Error Flag
No
Benefits
·
Low Noise
·
Low Dropout
·
Very Low Standby Current
·
High PSRR
·
Lower Price
·
Easy to Use in Mobile Phone
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
ESD Report
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204


Similar Part No. - AP2204

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2204 DIODES-AP2204 Datasheet
796Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
July 2018 Rev. 5 - 2
logo
BCD Semiconductor Manuf...
AP2204K-1.5TRG1 BCDSEMI-AP2204K-1.5TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
TECH PUBLIC Electronics...
AP2204K-1.5TRG1 TECHPUBLIC-AP2204K-1.5TRG1 Datasheet
3Mb / 6P
WIDE INPUT VOLTAGE RANGE, LDO REGULATOR
logo
Diodes Incorporated
AP2204K-1.5TRG1 DIODES-AP2204K-1.5TRG1 Datasheet
796Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
July 2018 Rev. 5 - 2
logo
BCD Semiconductor Manuf...
AP2204K-1.8TRG1 BCDSEMI-AP2204K-1.8TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
More results

Similar Description - AP2204

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com