Electronic Components Datasheet Search
  English  ▼

X  

AP3607 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP3607
Description  4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3607 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3607 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP3607 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Preliminary Datasheet
4/6 CHANNEL CHARGE PUMP CURRENT SINK FOR LED DRIVER
AP3606/AP3607
Dec. 2008 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
12
Typical Performance Characteristics (Continued)
TA=25ºC, CIN=C1=C2=COUT=1µF, VF=3.2V, unless otherwise noted.
Figure 24. 1.5x Mode Turn on Characteristic
Figure 25. 1.5x Mode Turn off Characteristic
(AP3606)
(AP3606)
Figure 26. 1.5x Mode Turn on Characteristic
Figure 27. 1.5x Mode Turn off Characteristic
(AP3607)
(AP3607)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (100
µs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (400
µs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (100
µs/div)
VC1+
2V/div
VOUT
1V/div
VEN
2V/div
IIN
0.2A/div
Time (400
µs/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com