Electronic Components Datasheet Search
  English  ▼

X  

LVC126A Datasheet(PDF) 4 Page - Texas Instruments

Part # LVC126A
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC126A Datasheet(HTML) 4 Page - Texas Instruments

  LVC126A Datasheet HTML 1Page - Texas Instruments LVC126A Datasheet HTML 2Page - Texas Instruments LVC126A Datasheet HTML 3Page - Texas Instruments LVC126A Datasheet HTML 4Page - Texas Instruments LVC126A Datasheet HTML 5Page - Texas Instruments LVC126A Datasheet HTML 6Page - Texas Instruments LVC126A Datasheet HTML 7Page - Texas Instruments LVC126A Datasheet HTML 8Page - Texas Instruments LVC126A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVC126A
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS339Q – MARCH 1994 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
–40 TO 85
°C
–40 TO 125
°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
4.2
9.3
1
9.8
1
11.3
2.5 V
± 0.2 V
1
2.7
6.7
1
7.2
1
9.3
tpd
A
Y
ns
2.7 V
1
2.9
5
1
5.2
1
6.5
3.3 V
± 0.3 V
1
2.5
4.5
1
4.7
1
6
1.8 V
± 0.15 V
1
4.8
9.5
1
10
1
11.5
2.5 V
± 0.2 V
1
2.8
7.8
1
8.3
1
10.4
ten
OE
Y
ns
2.7 V
1
3.1
6.1
1
6.3
1
8
3.3 V
± 0.3 V
1
2.5
5.5
1
5.7
1
7.5
1.8 V
± 0.15 V
1
4.4
12.1
1
12.6
1
14.1
2.5 V
± 0.2 V
1
2.7
8.2
1
8.7
1
10.8
tdis
OE
Y
ns
2.7 V
1
2.7
6.5
1
6.7
1
8.5
3.3 V
± 0.3 V
1.3
2.3
5.8
1.3
6
1.3
7.5
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
20
Outputs enabled
2.5 V
21
3.3 V
22
Cpd
Power dissipation capacitance per gate
f = 10 MHz
pF
1.8 V
2
Outputs disabled
2.5 V
3
3.3 V
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com