Electronic Components Datasheet Search
  English  ▼

X  

CTCH654F Datasheet(PDF) 1 Page - Central Technologies

Part # CTCH654F
Description  Peaking Coils - Radial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCH654F Datasheet(HTML) 1 Page - Central Technologies

  CTCH654F Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Peaking Coils - Radial
ctparts.com
Manufacturer of Passive and Discrete Semiconductor Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
12.07.06
SPECIFICATIONS
Parts numbers indicate available inductance tolerance.
K = ±10%
Test
DCR
Rated
Part
Inductance
Freq.
Max.
DC
Number
(µH ±10%)
(_Hz)
(
Ω
Ω )
(A)
CTCH654F-220K
22
2.52M
0.18
0.90
CTCH654F-270K
27
2.52M
0.21
0.81
CTCH654F-330K
33
2.52M
0.27
0.74
CTCH654F-390K
39
2.52M
0.29
0.68
CTCH654F-470K
47
2.52M
0.34
0.62
CTCH654F-560K
56
2.52M
0.42
0.57
CTCH654F-680K
68
2.52M
0.48
0.51
CTCH654F-820K
82
2.52M
0.55
0.47
CTCH654F-101K
100
1.00k
0.68
0.42
CTCH654F-121K
120
1.00k
0.77
0.39
CTCH654F-151K
150
1.00k
0.95
0.35
CTCH654F-181K
180
1.00k
1.15
0.32
CTCH654F-221K
220
1.00k
1.30
0.29
CTCH654F-271K
270
1.00k
1.55
0.26
CTCH654F-331K
330
1.00k
2.18
0.23
CTCH654F-391K
390
1.00k
2.47
0.21
CTCH654F-471K
470
1.00k
2.92
0.20
CTCH654F-561K
560
1.00k
3.97
0.18
CTCH654F-681K
680
1.00k
4.57
0.16
CTCH654F-821K
820
1.00k
5.28
0.15
CTCH654F-102K
1000
1.00k
7.06
0.13
CTCH654F Series
From 22 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded fixed inductor
Applications: Ideal for use as a power choke coil in switching
power supply, TV sets, video appliances, and industrial equipment
as well as use as a peaking coil in filtering applications
Inductance Tolerance: ±10%
Testing: Tested on a HP4285A or HP4284A at specified
frequency
Packaging: Bulk packaging
Rated Current: The rated D.C. current indicates the value of
current when the inductance is 10% lower than its initial value at
D.C. superposition or D.C. current when at
Δt=40°C whichever is
lower. (Ta=20°C)
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
B
øC
øD
E
Size
A
B
C
D
E
Max.
mm
5.0
4.0±1.0
0.5+0.1,-0.05
6.0±0.5
4.0±0.3
inches
0.20
0.16±0.04
0.02+0.004,-0.002
0.24±0.02
0.16±0.012
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CTCH654F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCH664F CT-CTCH664F Datasheet
475Kb / 1P
Peaking Coils - Radial
CTCH664F-100M CT-CTCH664F-100M Datasheet
475Kb / 1P
Peaking Coils - Radial
CTCH664F-101K CT-CTCH664F-101K Datasheet
475Kb / 1P
Peaking Coils - Radial
CTCH664F-102K CT-CTCH664F-102K Datasheet
475Kb / 1P
Peaking Coils - Radial
CTCH664F-110L CT-CTCH664F-110L Datasheet
475Kb / 1P
Peaking Coils - Radial
More results

Similar Description - CTCH654F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT181LYF CT-CT181LYF Datasheet
165Kb / 1P
Peaking Coils - Radial
CT187LYF CT-CT187LYF Datasheet
172Kb / 1P
Peaking Coils - Radial
CT262LYF CT-CT262LYF Datasheet
350Kb / 1P
Peaking Coils - Radial
CTCH106F CT-CTCH106F Datasheet
207Kb / 1P
Peaking Coils - Radial
CTCH108F CT-CTCH108F Datasheet
476Kb / 1P
Peaking Coils - Radial
CTCH114F CT-CTCH114F Datasheet
467Kb / 1P
Peaking Coils - Radial
CTCH875F CT-CTCH875F Datasheet
472Kb / 1P
Peaking Coils - Radial
CTRFB0810F CT-CTRFB0810F Datasheet
318Kb / 1P
Peaking Coils - Radial
CTRL5480F-3 CT-CTRL5480F-3 Datasheet
331Kb / 1P
Peaking Coils - Radial
CTRLB9012F CT-CTRLB9012F Datasheet
89Kb / 1P
Peaking Coils - Radial
REV 11.24.14
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com