Electronic Components Datasheet Search
  English  ▼

X  

79503 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 79503
Description  Mini Mi II??Wire Harness
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

79503 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  79503 Datasheet HTML 1Page - Molex Electronics Ltd. 79503 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Reference Information
Packaging: Per customer request
Designed In: Millimeters
Electrical
Voltage: 100V
Current: 1.5A
Contact Resistance: 20 m
Ω, max.
Dielectric Withstanding Voltage: 500V AC/1 min.
Insulation Resistance: 1000 M
Ω, min.
Physical
Housing: Nylon, UL 94V-0
Contact: Brass
Plating: Contact Area – Pre-Tin
PCB Thickness: 1.60mm (through-hole)
Operating Temperature: -40 to 150°C
ORDERING INFORMATION
Order No.
Description
79503-XXXX
Contact Inside Sales for custom order numbers
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com/product/mini_mi2.html
Order No. USA-208
Printed in USA/JI/2003.12
©
2003, Molex
1.25mm (.049") Pitch
Mini Mi II™ Wire Harness
79503



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com