Electronic Components Datasheet Search
  English  ▼

X  

51248-4792 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 51248-4792
Description  Micro PGA Socket 478/479 Circuits For Mobile Pentium* 4 ZIF Type, BGA Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

51248-4792 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  51248-4792 Datasheet HTML 1Page - Molex Electronics Ltd. 51248-4792 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICRO PGA DRAWING
Micro PGA Socket
478/479 Circuits
For Mobile Pentium* 4
ZIF Type, BGA Mount
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Court
Lisle, Illinois 60532 U.S.A.
Tel: 630-969-4550
amerinfo@molex.com
Visit our Web site at http: // www.molex.com
Order No. JPN-034
Printed in Japan/3K/MXJ/Brain House/2003.03
©2003, Molex Japan
ORDERING INFORMATION
Circuits
478
479
Hard Tray
51248-4782
51248-4792
Order No.
Embossed Tape
51248-4784
51248-4794



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com