Electronic Components Datasheet Search
  English  ▼

X  

CTCMD4D06 Datasheet(PDF) 1 Page - Central Technologies

Part # CTCMD4D06
Description  Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCMD4D06 Datasheet(HTML) 1 Page - Central Technologies

  CTCMD4D06 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
03.14.06
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
CTCMD4D06F Please specify “F” for RoHS Compliant
*Rated Current: Inductance drop = 10% typ.
L Test
DCR
Rated Current*
Part
Inductance
Freq.
Max.
Max.
Number
(µH ±20%)
(kHz)
(
Ω
Ω )
(A)
CTCMD4D06_-2R2M
2.2
100
0.116
0.95
CTCMD4D06_-3R3M
3.3
100
0.174
0.77
CTCMD4D06_-4R7M
4.7
100
0.216
0.75
CTCMD4D06_-6R8M
6.8
100
0.296
0.62
CTCMD4D06_-100M
10
100
0.457
0.5
CTCMD4D06_-150M
15
100
0.676
0.4
CTCMD4D06_-220M
22
100
1.066
0.3
CTCMD4D06_-330M
33
100
1.647
0.24
CTCMD4D06_-470M
47
100
2.843
0.18
CTCMD4D06 Series
From 2.2 µH to 47 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -25°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz , 1V
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
A
D
B
H
C
E
F
G
XXX
4
1
3
2
1
2
1
4
23
Marking: Inductance Code
4
3
1
2
Bottom View
7.0
4.0
Unit: mm
Size
A
B
C
D
E
F
G
H
Max.
Max.
Max.
mm
6.3
5.8
0.8
3.5
4.1
3.2
0.5
0.4
inches
0.248
0.228
0.031
0.138
0.161
0.126
0.020
0.016
PHYSICAL DIMENSIONS
RoHS
Compliant
Available


Similar Part No. - CTCMD4D06

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCMD4D06F CT-CTCMD4D06F Datasheet
128Kb / 1P
Power Inductors
CTCMD4D06F-100M CT-CTCMD4D06F-100M Datasheet
128Kb / 1P
Power Inductors
CTCMD4D06F-150M CT-CTCMD4D06F-150M Datasheet
128Kb / 1P
Power Inductors
CTCMD4D06F-220M CT-CTCMD4D06F-220M Datasheet
128Kb / 1P
Power Inductors
CTCMD4D06F-2R2M CT-CTCMD4D06F-2R2M Datasheet
128Kb / 1P
Power Inductors
More results

Similar Description - CTCMD4D06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
Inductors SMT Power Inductors
logo
Sumida Corporation
CDEPI1010 SUMIDA-CDEPI1010 Datasheet
159Kb / 2P
Power Inductors
CDEP105 SUMIDA-CDEP105_06 Datasheet
150Kb / 3P
POWER INDUCTORS
CDBM128 SUMIDA-CDBM128 Datasheet
235Kb / 1P
POWER INDUCTORS
CDBM73MN SUMIDA-CDBM73MN Datasheet
177Kb / 1P
POWER INDUCTORS
CDBM7D28 SUMIDA-CDBM7D28 Datasheet
189Kb / 1P
POWER INDUCTORS
CDBH38D18 SUMIDA-CDBH38D18 Datasheet
62Kb / 1P
POWER INDUCTORS
CDR7D28MN SUMIDA-CDR7D28MN_06 Datasheet
220Kb / 2P
POWER INDUCTORS
CDR6D28MN SUMIDA-CDR6D28MN_07 Datasheet
142Kb / 2P
Power Inductors
CDR6D23MN SUMIDA-CDR6D23MN_06 Datasheet
164Kb / 2P
POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com