Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC1G08 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G08
Description  SINGLE 2-INPUT POSITIVE-AND GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G08 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G08 Datasheet HTML 1Page - Texas Instruments SN74LVC1G08 Datasheet HTML 2Page - Texas Instruments SN74LVC1G08 Datasheet HTML 3Page - Texas Instruments SN74LVC1G08 Datasheet HTML 4Page - Texas Instruments SN74LVC1G08 Datasheet HTML 5Page - Texas Instruments SN74LVC1G08 Datasheet HTML 6Page - Texas Instruments SN74LVC1G08 Datasheet HTML 7Page - Texas Instruments SN74LVC1G08 Datasheet HTML 8Page - Texas Instruments SN74LVC1G08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN74LVC1G08
SINGLE 2INPUT POSITIVEAND GATE
SCES217S − APRIL 1999 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Available in the Texas Instruments
NanoStar
 and NanoFree Packages
D Supports 5-V VCC Operation
D Inputs Accept Voltages to 5.5 V
D Max tpd of 3.6 ns at 3.3 V
D Low Power Consumption, 10-µA Max ICC
D ±24-mA Output Drive at 3.3 V
D Ioff Supports Partial-Power-Down Mode
Operation
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
YEA, YEP, YZA,
OR YZP PACKAGE
(BOTTOM VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
AVCC
Y
B
GND
A
GND
VCC
Y
B
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
1
4
2
3
5
description/ordering information
The SN74LVC1G08 performs the Boolean function Y
+ A • Bor Y + A ) B in positive logic.
NanoStar
 and NanoFree package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
NanoStar
 − WCSP (DSBGA)
0.17-mm Small Bump − YEA
SN74LVC1G08YEAR
NanoFree
 − WCSP (DSBGA)
0.17-mm Small Bump − YZA (Pb-free)
Reel of 3000
SN74LVC1G08YZAR
_ _ _CE_
NanoStar
 − WCSP (DSBGA)
0.23-mm Large Bump − YEP
Reel of 3000
SN74LVC1G08YEPR
_ _ _CE_
−40
°C to 85°C
NanoFree
 − WCSP (DSBGA)
0.23-mm Large Bump − YZP (Pb-free)
SN74LVC1G08YZPR
SOT (SOT-23) − DBV
Reel of 3000
SN74LVC1G08DBVR
C08_
SOT (SOT-23) − DBV
Reel of 250
SN74LVC1G08DBVT
C08_
SOT (SC-70) − DCK
Reel of 3000
SN74LVC1G08DCKR
SOT (SC-70) − DCK
Reel of 250
SN74LVC1G08DCKT
CE_
SOT (SOT-553) − DRL
Reel of 4000
SN74LVC1G08DRLR
CE_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
‡ DBV/DCK/DRL: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code,
and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition
(1 = SnPb,
• = Pb-free).
Copyright
 2005, Texas Instruments Incorporated
NanoStar and NanoFree are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI1-SN74LVC1G08 Datasheet
2Mb / 48P
Single 2-Input Positive-AND Gate
SN74LVC1G08 TI1-SN74LVC1G08 Datasheet
1Mb / 27P
Single 2-input positive-AND gate
More results

Similar Description - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHC1G08-Q1 TI-SN74AHC1G08-Q1 Datasheet
276Kb / 8P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
74AHCT1G08 DIODES-74AHCT1G08 Datasheet
179Kb / 8P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 1
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVCE1G08W5-7 DIODES-74LVCE1G08W5-7 Datasheet
274Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com