Electronic Components Datasheet Search
  English  ▼

X  

75101 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75101
Description  2.54mm (.100?? Pitch C-Grid Compliant Pin Headers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

75101 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75101 Datasheet HTML 1Page - Molex Electronics Ltd. 75101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
These universal headers can be used in any 2.54mm
(.100”) wire-to-board or board-to-board application,
particularly backplane applications.
■
Personal Computers
■
High-End Computer Servers
■
Communications Equipment
Also could be used in:
■
Printers
■
Office Equipment
■
Vending Machines
■
Home Entertainment Systems
■
White and Brown Goods
■
Telecommunication Equipment
- Hubs
- Servers
■
Other Markets
- Other Applications
ORDERING INFORMATION
Order No.
Description
Circuit Sizes Available
75100
Dual row, shrouded vertical header with PC slot and guide ears, press-fit
2 to 130
75101
Dual row, shrouded vertical header, press-fit
6 to 72
75102
Interposer Assembly Dual row, breakaway vertical header, press-fit
4 to 80
75110
75101a
75102
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com
Order No. USA-224
Printed in USA/JI/2004.02
©
2004, Molex
2.54mm (.100”) Pitch
C-Grid®
Compliant Pin Headers
75100 Dual Row, Shrouded
Vertical Header with PC Slot
and Guide Ears, Press-Fit
75101 Dual Row, Shrouded
Vertical Header, Press-Fit
75102 Dual Row, Breakaway
Vertical Header, Press-Fit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com