Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC646 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC646
Description  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC646 Datasheet(HTML) 6 Page - Texas Instruments

  SN74LVC646 Datasheet HTML 1Page - Texas Instruments SN74LVC646 Datasheet HTML 2Page - Texas Instruments SN74LVC646 Datasheet HTML 3Page - Texas Instruments SN74LVC646 Datasheet HTML 4Page - Texas Instruments SN74LVC646 Datasheet HTML 5Page - Texas Instruments SN74LVC646 Datasheet HTML 6Page - Texas Instruments SN74LVC646 Datasheet HTML 7Page - Texas Instruments SN74LVC646 Datasheet HTML 8Page - Texas Instruments SN74LVC646 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SN74LVC646
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS302A – JANUARY 1993 – REVISED JULY 1995
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
IOH = – 100 µA
MIN to MAX
VCC – 0.2
VOH
IOH =12 mA
2.7 V
2.2
V
VOH
IOH = – 12 mA
3 V
2.4
V
IOH = – 24 mA
3 V
2
IOL = 100 µA
MIN to MAX
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
µA
IOZ§
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
20
µA
nICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
3 V to 3.6 V
500
µA
Ci
Control
inputs
VI = VCC or GND
3.3 V
4.6
pF
Cio
A or B
ports
VO = VCC or GND
3.3 V
7.2
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ All typical values are measured at VCC = 3.3 V, TA = 25°C.
§ For I/O ports, the parameter IOZ includes the input leakage current.
timing characteristics over recommended operating free-air temperature range (unless otherwise
noted) (see Figure 2)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
tw
Pulse duration
5
5
ns
tsu
Setup time, data before CLK
↑
5
5
ns
th
Hold time, data after CLK
↑
1
1
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
100
80
MHz
A or B
B or A
1.5
8
9.2
tpd
CLK
A or B
1.5
9
11
ns
SBA or SAB
A or B
1.5
9
11
ten
OE
A or B
1.5
8.5
9.5
ns
tdis
OE
A or B
1.5
8.5
9.5
ns
ten
DIR
A or B
1.5
9
10
ns
tdis
DIR
A or B
1.5
9
10
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com