Electronic Components Datasheet Search
  English  ▼

X  

26LS32 Datasheet(PDF) 2 Page - Motorola, Inc

Part # 26LS32
Description  QUAD EIA-422/3 LINE RECEIVER WITH THREE.STATE OUTPUTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

26LS32 Datasheet(HTML) 2 Page - Motorola, Inc

  26LS32 Datasheet HTML 1Page - Motorola, Inc 26LS32 Datasheet HTML 2Page - Motorola, Inc 26LS32 Datasheet HTML 3Page - Motorola, Inc 26LS32 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AM26LS32
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
7.0
Vdc
Input Common Mode Voltage
VICM
± 25
Vdc
Input Differential Voltage
VID
± 25
Vdc
Three–State Control Input Voltage
VI
7.0
Vdc
Output Sink Current
IO
50
mA
Storage Temperature
Tstg
– 65 to + 150
°C
Operating Junction Temperature
TJ
+ 150
°C
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
4.75 to 5.25
Vdc
Operating Ambient Temperature
TA
0 to + 70
°C
Input Common Mode Voltage Range
VICR
– 7.0 to + 7.0
Vdc
Input Differential Voltage Range
VIDR
6.0
Vdc
ELECTRICAL CHARACTERISTICS (Unless otherwise noted, minimum and maximum limits apply over recommended temperature
and power supply voltage ranges. Typical values are for TA = 25°C, VCC = 5.0 V and VIC = 0 V. See Note 1.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Voltage – High Logic State (Three–State Control)
VIH
2.0
–
–
V
Input Voltage – Low Logic State (Three–State Control)
VIL
–
–
0.8
V
Differential Input Threshold Voltage (Note 2)
(– 7.0 V
p VIC p 7.0 V, VIH = 2.0 V)
(IO = – 0.4 mA, VOH q 2.7 V)
(IO = 8.0 mA, VOL p 0.45 V)
VTH(D)
–
–
–
–
0.2
– 0.2
V
Input Bias Current
(VCC = 0 V or 5.25) (Other Inputs at –15 V p Vin p + 15 V)
Vin = + 15 V
Vin = – 15 V
IIB(D)
–
–
–
–
2.3
– 2.8
mA
Input Resistance ( – 15 V
p Vin p +15 V)
Rin
6.0 K
–
–
Ohms
Input Balance and Output Level
(– 7.0 V
p VIC p 7.0 V, VIH = 2.0 V, See Note 3)
(IO = – 0.4 mA, VID = 0.4 V)
(IO = 8.0 mA, VID = – 0.4 V)
VOH
VOL
2.7
–
–
–
–
0.45
V
Output Third State Leakage Current
(VI(D) = + 3.0 V, VIL = 0.8 V, VO = 0.4 V)
(VI(D) = – 3.0 V, VIL = 0.8 V, VO = 2.4 V)
IOZ
–
–
–
–
– 20
20
µA
Output Short Circuit Current
(VI(D) = 3.0 V, VIH = 2.0 V, VO = 0 V, See Note 4)
IOS
– 15
–
– 85
mA
Input Current – Low Logic State (Three–State Control)
(VIL = 0.4 V)
IIL
–
–
– 360
µA
Input Current – High Logic State (Three–State Control)
(VIH = 2.7 V)
(VIH = 5.5 V)
IIH
–
–
–
–
20
100
µA
Input Clamp Diode Voltage (Three–State Control)
(IIC = – 18 mA)
VIK
–
–
– 1.5
V
Power Supply Current (VIL = 0 V) (All Inputs Grounded)
ICC
–
–
70
mA
NOTES: 1. All currents into device pins are shown as positive, out of device pins are negative. All voltages referenced to ground unless otherwise noted.
2. Differential input threshold voltage and guaranteed output levels are done simultaneously for worst case.
3. Refer to EIA–422/3 for exact conditions. Input balance and guaranteed output levels are done simultaneously for worst case.
4. Only one output at a time should be shorted.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com