Electronic Components Datasheet Search
  English  ▼

X  

3246 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 3246
Description  KK Maxi-3.96mm & 5.08mm Modular Interconnection System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

3246 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  3246 Datasheet HTML 1Page - Molex Electronics Ltd. 3246 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
Tel: 1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
Tel: 81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
Tel: 65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
Tel: 49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
Tel: 630-969-4550
Visit our Web site at http: //www.molex.com
MUN/E032/REV2
Printed in Germany/2K/whp/whp/2003.05
©Molex Services, 2003
APPLICATIONS
TECHNICAL INFORMATION
■
Consumer / Whitegoods
Car Stereos, Lighting Panels, Control Panels
Kitchen Appliances, Whirlpools, Refrigerators
■
Security / Vending
Alarms, Garage Doors, Cameras
Lottery Machines, Slot / Pinball Machines, Coin Changers
■
Datacomm / Professional
ATM Machines, PC’s, Workstations, Monitors
■
Medical / Office Equipment
Heart Monitors, Dental Equipment, Defibilators
Projectors, Copiers, Printers, Fax Machines
■
Industrial
Elevators, Escalators, Air Conditioning, Central Heating
Power Supplies, Industrial Equipment, Lighting Systems
KEY FEATURES
■
Available on 3.96 mm and 5.08 mm center spacings
■
Polarisation via insertable keys and pegs
■
Allows connections anywhere on the board
■
Double cantilever style terminal
■
Selective gold plating options
■
End-to-end stacking capabilities
■
Locking ramp for improved mated retention with locking headers
■
Accepts KK gas tight crimp terminals
■
Headers available with square or round pins
See Molex catalog or www.molex.com for details
KK Maxi® –
3.96mm & 5.08mm
Modular Interconnection
System
Wire-to-Board and Board-to-Board interconnection system
■
Housing
Nylon UL 94V-2
■
Contact material
Brass or Phosphor Bronze
■
Plating
Tin & Gold
■
Voltage
250 Volts
■
Current rating
up to 7.0A
■
Mating force
10.0 N maximum per circuit
■
Unmating force
3.7 N minimum per circuit
■
Temperature operating
0° to +75° C
■
Temperature non operating
–40° to +105° C
Specs vary by product. Please see catalog for details.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com