Electronic Components Datasheet Search
  English  ▼

X  

3069 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 3069
Description  KK Maxi-3.96mm & 5.08mm Modular Interconnection System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

3069 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  3069 Datasheet HTML 1Page - Molex Electronics Ltd. 3069 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KK Maxi® –
3.96mm & 5.08mm
Modular Interconnection
System
Description
Header
PCB Connector
Housing
Terminal
Style
Vertical
Right angle
Vertical, Backwall
Right angle, Backwall
Vertical
Top entry
Bottom entry
Right angle
Crimp housing
18 to 20 AWG
22 to 26 AWG
Circuit Sizes
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 15 ckt
2 to 20 ckt
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon /
Phosphor Bronze
Nylon
Brass or Phosphor Bronze
Brass or Phosphor Bronze
Packaging
Bag
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Packaging
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon /
Phosphor Bronze
Nylon
Brass or Phosphor Bronze
Brass or Phosphor Bronze
Series no.
2599M
3003
3008
3061
3002
3001 / 3011
2478
2578
Circuit Sizes
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 15 ckt
2 to 20 ckt
2 to 20 ckt
Style
Vertical, Backwall
Vertical
Vertical
Right angle
Top entry
Bottom entry
Right angle
Crimp housing
18 to 20 AWG
22 to 26 AWG
Description
Header
PCB Connector
Housing
Terminal
Series no.
3192
3246
3190
3243
3279
3215
3069
2478
2578
KK MAXI 3.96mm
KK MAXI 5.08mm


Similar Part No. - 3069

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3069 ETC2-3069 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
KR Electronics, Inc.
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
logo
Molex Electronics Ltd.
3069 MOLEX-3069 Datasheet
806Kb / 2P
KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
logo
Heyco.
3069 HEYCO-3069 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Molex Electronics Ltd.
3069 MOLEX-3069 Datasheet
115Kb / 4P
PCB Headers and Receptacles
Mar 06, 2025
More results

Similar Description - 3069

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5045 MOLEX-5045 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
logo
Tyco Electronics
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
STEP-Z Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com