Electronic Components Datasheet Search
  English  ▼

X  

4030 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 4030
Description  KK Mini -2.50mm & 2.54mm Modular Interconnection System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

4030 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  4030 Datasheet HTML 1Page - Molex Electronics Ltd. 4030 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KK Mini® –
2.50mm & 2.54mm
Modular Interconnection
System
Description
Header
PCB Connector
Housing
Terminal
Style
Vertical, Backwall
Right angle, Backwall
Vertical
Right angle
Right angle
Top entry
Right angle
Crimp housing
Basic
Anti-fishhooking
Circuit Sizes
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 20 ckt
2 to 11 ckt
2 to 20 ckt
2 to 20 ckt
Series no.
5045
5046
3022
3094
90578
7534
5051 NM
2759
4809
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon /
Phosphor Bronze
Nylon
Brass
Brass
Packaging
Bag
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Packaging
Bag
Bag
Bag
Bag
Bag
Tray
Bag
Bag or reel
Bag or reel
Material
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon / Brass
Nylon
Brass
Brass
Series no.
6410
7395
4030
4094
7720S / 7690
4455
6471
2759
4809
Circuit Sizes
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 28 ckt
2 to 25 ckt
2 to 28 ckt
Style
Vertical, Backwall
Right angle, Backwall
Vertical
Right angle
Vertical
Top entry
Bottom entry
Right angle
Crimp housing
Basic
Anti-fishhooking
Description
Header
IDT
PCB Connector
Housing
Terminal
KK MINI 2.50mm
KK MINI 2.54mm


Similar Part No. - 4030

ManufacturerPart #DatasheetDescription
logo
Powerbox
4030 POWERBOX-4030 Datasheet
353Kb / 1P
10W - 33KV SINGLEOUTPUT DC / DC INDUSTRIAL
logo
B&K Precision Corporati...
4030 BK-4030 Datasheet
571Kb / 1P
10 MHz Pulse Generator with 4-Digit LED Display
logo
Heyco.
4030 HEYCO-4030 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
Sealevel Systems, Inc.
4030 SEALEVEL-4030 Datasheet
825Kb / 2P
ISA 48 Channel TTL Digital Interface
logo
Adafruit Industries
4030 ADAFRUIT-4030 Datasheet
1Mb / 3P
JST PH 3-pin Plug to Color Coded Alligator Clips Cable
1-17-19
More results

Similar Description - 4030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3192 MOLEX-3192 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Tyco Electronics
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
STEP-Z Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
GET.64 Interconnection System
4-2010.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com