Electronic Components Datasheet Search
  English  ▼

X  

84584 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 84584
Description  Micro-C PolyPort??Junction Boxes 4, 6 and 8 Port Junction Boxes in a 3 Circuit Configuration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

84584 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  84584 Datasheet HTML 1Page - Molex Electronics Ltd. 84584 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
APPLICATIONS
■
Automotive assembly lines
■
Material handling systems
■
Conveyors
■
Robots
■
Packaging and sorting equipment
ORDERING INFORMATION
Order No.
Description
Number of Ports
Height
Length
Width
Mounting Hole Width Mounting Hole Distance
84584-0004
Micro-C Distribution
Box, 4 Port
4
34.80mm
(1.37")
154.94mm
(6.10")
98.04mm
(3.86")
6.60mm
(0.26")
25.4mm
(1.00")
84584-0006
Micro-C Distribution
Box, 6 Port
6
34.80mm
(1.37")
163.58mm
(6.44")
98.04mm
(3.86")
6.60mm
(0.26")
25.4mm
(1.00")
84584-0008
Micro-C Distribution
Box, 8 Port
8
34.80mm
(1.37")
212.60mm
(8.37")
98.04mm
(3.86")
6.60mm
(0.26")
50.80mm
(2.00")
Americas Headquarters
Lisle, Illinois 60532 U.S.A.
1-800-78MOLEX
amerinfo@molex.com
Far East North Headquarters
Yamato, Kanagawa, Japan
81-462-65-2324
feninfo@molex.com
Far East South Headquarters
Jurong, Singapore
65-6-268-6868
fesinfo@molex.com
European Headquarters
Munich, Germany
49-89-413092-0
eurinfo@molex.com
Corporate Headquarters
2222 Wellington Ct.
Lisle, IL 60532 U.S.A.
630-969-4550
Fax:630-969-1352
Visit our Web site at www.molex.com/ind/polyport.html
Order No. USA-219
Printed in USA/3K/JI/JI/2004.01
©
2004, Molex
Micro-C PolyPort™
Junction Boxes
84584
4, 6 and 8 Port Junction
Boxes in a 3 Circuit
Configuration



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com