Electronic Components Datasheet Search
  English  ▼

X  

74741 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 74741
Description  1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

74741 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  74741 Datasheet HTML 1Page - Molex Electronics Ltd. 74741 Datasheet HTML 2Page - Molex Electronics Ltd. 74741 Datasheet HTML 3Page - Molex Electronics Ltd. 74741 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES AND SPECIFICATIONS
1000Base-T RJ-45 Gigabit
Ethernet SFP Copper
Transceiver
74741
The 1000Base-T RJ-45 Gigabit Ethernet SFP copper transceiver module is a high
performance integrated duplex data link for bi-directional communication over Category 5
copper cable. The hot pluggable feature allows changing to and from another SFP
compatible module without having to remove system power. Serial ID is included.
Molex's RJ-45 SFP module provides multiple customer friendly features. A link monitor
detects loss of signals. The Serial ID allows individual identification of each SFP
transceiver. An auto-power saving mode conserves energy. The centered RJ-45 modular
jack conforms to a 1U rack for ease of installation. Design allows stacking side by side for
increased density.
Features and Benefits
■
1000Base-T compliant module meets
IEEE802.3z, ab, u specifications and is
SFP MSA compliant
■
Less than 1 Watt power requirement
provides low heat output
■
Zinc back shells provide improved EMI
performance
■
Auto-negotiation feature allows
networking equipment to
automatically determine and adjust to
the required settings
■
Automatic MDI crossover eliminates
the need for crossover cables or cross-
wired (MDIX) ports
■
Bail latch provides ease of extraction
Applications
■
Networking
■
Switches
■
Routers
Specifications
Reference Information
Packaging: Box
Mates With: SFP Cage 73927 series
SFP Connector 74441 series
Electrical
Voltage: 3.3V
Current: 285mA
Power: 1 W max.
Physical
Diecast Backshell: Zinc
PCB Thickness: .039”
Operating Temperature: 0 to +70°C
SFP 1000BASE-T RJ-45 OVERVIEW
Switch Board
SFP Adapter
MAC
TBI
Serial
Interface
Serial
Interface
SERDES
RJ-45
SFP Host
Interface
1000Base-T
Transceiver
ORDERING INFORMATION
Order No.
Description
74741-0001
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver, LOS Toggle
74741-0002
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver, LOS GND
Figure 1. RJ-45 SFP 1000Base-T Application


Similar Part No. - 74741

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74741-0005 MOLEX11-74741-0005 Datasheet
77Kb / 1P
1000 BASE-T SFP ADAPTER SALES DRAWING
More results

Similar Description - 74741

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM5421S BOARDCOM-BCM5421S Datasheet
127Kb / 1P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
BCM5461 BOARDCOM-BCM5461 Datasheet
227Kb / 2P
10/100/1000BASE-T GIGABIT COPPER TRANSCEIVER
logo
Finisar Corporation.
FCMJ-8520-3 FINISAR-FCMJ-8520-3 Datasheet
200Kb / 7P
1000BASE-T Copper SFP Transceiver
FCLF-8520-3 FINISAR-FCLF-8520-3 Datasheet
134Kb / 7P
1000BASE-T Copper SFP Transceiver
logo
Molex Electronics Ltd.
74741 MOLEX-74741 Datasheet
128Kb / 2P
1000Base-T RJ-45 Gigabit Ethernet SFP Copper Transceiver
74740-0001 MOLEX-74740-0001 Datasheet
261Kb / 11P
1000Base-T RJ-45 Gigabit Ethernet GBIC Copper Transceiver
logo
Bel Fuse Inc.
SFP-1GBT-02 BEL-SFP-1GBT-02_12 Datasheet
380Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
SFP-1GBT-06 BEL-SFP-1GBT-06_12 Datasheet
381Kb / 5P
SFP Copper Transceiver 1000Base-T GBIC
logo
Pulse A Technitrol Comp...
SFPT-RJK-01 PULSE-SFPT-RJK-01 Datasheet
163Kb / 7P
1000BASE-T Copper SFP Transceiver
logo
Finisar Corporation.
FCLF-8520 FINISAR-FCLF-8520 Datasheet
148Kb / 7P
1000BASE-T COPPER SFP Optical Transceiver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com