Electronic Components Datasheet Search
  English  ▼

X  

CTDO3316HC Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO3316HC
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO3316HC Datasheet(HTML) 1 Page - Central Technologies

  CTDO3316HC Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDO3316PF Please specify “F” for RoHS Compliant
L Test
DCR
SRF
Isat
Part
Inductance
Freq.
Max.
Typ.
Typ.
Irms
Number
(µH)
(kHz)
(
Ω
Ω)
(MHz)
(A)
(A)
CTDO3316P_-331HC
.33
100
.002
300
20
16
CTDO3316P_-681HC
.68
100
.005
200
13
12
CTDO3316P_-102HC
1.0
100
.006
100
11
10
CTDO3316P_-152HC
1.5
100
.008
90
9.0
9.0
CTDO3316P_-222HC
2.2
100
.011
90
7.8
7.4
CTDO3316P_-272HC
2.7
100
.012
65
7.0
6.6
CTDO3316P_-332HC
3.3
100
.014
65
6.4
5.9
CTDO3316P_-472HC
4.7
100
.018
45
5.4
4.8
CTDO3316P_-682HC
6.8
100
.035
35
3.6
5.0
CTDO3316P_-103HC
10
100
.04
26
3.3
4.3
CTDO3316P_-153HC
15
100
.06
21
2.4
3.5
CTDO3316P_-223HC
22
100
.08
17
2.0
2.8
CTDO3316P_-333HC
33
100
.15
14
1.7
2.1
CTDO3316P_-473HC
47
100
.28
12
1.4
1.7
CTDO3316P_-683HC
68
100
.30
9
1.2
1.5
CTDO3316P_-104HC
100
100
.40
7
.95
1.2
CTDO3316HC Series
From 0.33 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (high current) power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops.
Operating Temperature: -40°C to +85°C
ΔΔ T: 40°C typically at Irms
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
PHYSICAL DIMENSIONS
A
2nd significant digit
Ind. Code
3rd significant digit
1st significant digit
B
C
D
Parts will be marked with
Significant Digit Dots OR Inductance Code
Size
A
B
C
D
Max.
Max.
Max.
Max.
mm
9.91
8.38
6.35
13.21
inches
0.39
0.33
0.25
0.52


Similar Part No. - CTDO3316HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO3316HCF CT-CTDO3316HCF Datasheet
374Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTDO3316HC

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
CTGS43F CT-CTGS43F Datasheet
331Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com