Electronic Components Datasheet Search
  English  ▼

X  

CTDO5022 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDO5022
Description  Power Inductors - Unshielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDO5022 Datasheet(HTML) 1 Page - Central Technologies

  CTDO5022 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Unshielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
02.02.06
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
18.54
15.24
7.11
2.54
2.54
12.7
inches
0.73
0.6
0.28
0.1
0.1
0.5
A
B
1st significant digit
2nd significant digit
3rd significant digit
Ind. Code
C
E
F
D
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±20% inductance tolerance only.
CTDO5022PF Please specify “F” for RoHS Compliant
L Test
SRF
DCR
Part
Inductance
Freq.
Typ.
±15%
Isat
Irms
Number
(µH)
(kHz)
(MHz)
(
Ω
Ω)
(A)
(A)
CTDO5022P_-102
1.0
100
80
.011
20
8.6
CTDO5022P_-222
2.2
100
80
.014
16
7.1
CTDO5022P_-332
3.3
100
60
.016
14
6.2
CTDO5022P_-562
5.6
100
40
.022
12
5.3
CTDO5022P_-103
10
100
30
.032
10
4.3
CTDO5022P_-153
15
100
22
.036
8.0
4.0
CTDO5022P_-223
22
100
20
.047
7.0
3.5
CTDO5022P_-333
33
100
15
.066
5.5
3.0
CTDO5022P_-473
47
100
9
.087
4.5
2.6
CTDO5022P_-683
68
100
8
.13
3.5
2.3
CTDO5022P_-104
100
100
7
.19
3.0
1.8
CTDO5022P_-154
150
100
6
.25
2.6
1.5
CTDO5022P_-224
220
100
5
.38
2.4
1.2
CTDO5022P_-334
330
100
4
.56
1.9
1.0
CTDO5022P_-474
470
100
3
.85
1.4
.82
CTDO5022P_-684
680
100
2.5
1.2
1.2
.72
CTDO5022P_-105
1000
100
2
1.8
1.0
.56
CTDO5022 Series
From 1.0 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD power inductor
Applications: DC/DC converters, computers, LCD displays,
telecommunication equipment and PDA palm tops. Designed for
the higher current requirements of portable computers
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance is tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
ENGINEERING KIT #11
RoHS
Compliant
Available


Similar Part No. - CTDO5022

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDO5022F CT-CTDO5022F Datasheet
439Kb / 1P
Power Inductors - Unshielded
CTDO5022HC CT-CTDO5022HC Datasheet
232Kb / 1P
Power Inductors - Unshielded
CTDO5022HCF CT-CTDO5022HCF Datasheet
150Kb / 1P
Power Inductors - Unshielded
CTDO5022P-103HC CT-CTDO5022P-103HC Datasheet
232Kb / 1P
Power Inductors - Unshielded
CTDO5022P-152HC CT-CTDO5022P-152HC Datasheet
232Kb / 1P
Power Inductors - Unshielded
More results

Similar Description - CTDO5022

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTCR54F CT-CTCR54F Datasheet
188Kb / 1P
Power Inductors - Unshielded
CTDO3306 CT-CTDO3306 Datasheet
140Kb / 1P
Power Inductors - Unshielded
CTDO3316HC CT-CTDO3316HC Datasheet
421Kb / 1P
Power Inductors - Unshielded
CTGS75 CT-CTGS75 Datasheet
187Kb / 1P
Power Inductors - Unshielded
CTLQ1210L CT-CTLQ1210L Datasheet
179Kb / 1P
Power Inductors - Unshielded
CT814AYF CT-CT814AYF Datasheet
304Kb / 1P
Power Inductors - Unshielded
CT875FUF CT-CT875FUF Datasheet
95Kb / 1P
Power Inductors - Unshielded
CTDO3306F CT-CTDO3306F Datasheet
196Kb / 1P
Power Inductors - Unshielded
CTDO3308F CT-CTDO3308F Datasheet
381Kb / 1P
Power Inductors - Unshielded
CTGS32F CT-CTGS32F Datasheet
328Kb / 1P
Power Inductors - Unshielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com