Electronic Components Datasheet Search
  English  ▼

X  

BLU99 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # BLU99
Description  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BLU99 Datasheet(HTML) 1 Page - Advanced Semiconductor

  BLU99 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV 0
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCEO
IC = 20 mA
16
V
BVCBO
IC = 10 mA
36
V
BVEBO
IE = 1.0 mA
3.0
V
hFE
VCE = 10 V
IC = 600 mA
25
100
---
CC
VCB = 12.5 V
f = 1.0 MHz
7.5
pF
PG
ηηηη
C
VCE = 12.5
Pout = 5.0 W
f = 470 MHz
10.5
60
dB
%
NPN SILICON RF POWER TRANSISTOR
BLU99
DESCRIPTION:
The
ASI BLU99 is Designed for use
in UHF mobile radio transmitters
aplications up to 470 MHZ
FEATURES:
• P
G = 10.5 dB Min. at 470 MHz
•••• Omnigold™ Metallization System
MAXIMUM RATINGS
IC
2.5 A
VCB
36 V
PDISS
17.5 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
10 °C/W
PACKAGE STYLE .280 4L STUD
MI N IMU M
in c hes / m m
.0 03 / 0.08
.2 70 / 6.86
.1 17 / 2.97
B
C
D
E
F
G
A
M AXIM U M
.2 85 / 7.24
.1 37 / 3.48
.0 07 / 0.18
in c h e s / m m
H
.2 45 / 6.22
.2 55 / 6.48
DIM
1 . 0 1 0 / 2 5 .6 5
1 . 0 5 5 / 2 6 .8 0
I
J
.2 17 / 5.51
.2 20 / 5.59
K
.1 75 / 4.45
.2 85 / 7.24
.2 75 / 6.99
.5 72 / 14. 53
.6 40 / 16. 26
.1 30 / 3.30
.2 3 0 / 5 .8 4
G
K
H
F
E
D
C
B
4 5 °
A
#8 - 32 U N C
I
J
E
E
B
C


Similar Part No. - BLU99

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU99 PHILIPS-BLU99 Datasheet
110Kb / 17P
UHF power transistor
March 1993
logo
New Jersey Semi-Conduct...
BLU99 NJSEMI-BLU99 Datasheet
104Kb / 3P
UHF power transistor
logo
NXP Semiconductors
BLU99/SL PHILIPS-BLU99/SL Datasheet
110Kb / 17P
UHF power transistor
March 1993
logo
New Jersey Semi-Conduct...
BLU99SL NJSEMI-BLU99SL Datasheet
104Kb / 3P
UHF power transistor
logo
NXP Semiconductors
BLU99_SL PHILIPS-BLU99_SL Datasheet
110Kb / 17P
UHF power transistor
March 1993
More results

Similar Description - BLU99

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com