Electronic Components Datasheet Search
  English  ▼

X  

CTDR3 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDR3
Description  Drum Cores - Radial Leaded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDR3 Datasheet(HTML) 1 Page - Central Technologies

  CTDR3 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Drum Cores - Radial Leaded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
08.25.06
Size
A
B
C
D
E
Max.
Max.
Typ.
mm
22.0
28
15±2
4.0
22.0
inches
0.87
1.1
0.59±0.08
0.16
0.87
PHYSICAL DIMENSIONS
A
C
B
D
E
SPECIFICATIONS
Parts numbers indicate available tolerance.
K = ±10%, M = ±20%
CTDR3F Please specify “F” for RoHS compliant.
L Test
DCR
IDC
Part
Inductance
Freq.
Max.
Max.
Number
(µH)
(kHz)
(
Ω
Ω)
(A)
CTDR3_-1R0M
1.0
1.0
.003
21
CTDR3_-1R2M
1.2
1.0
.003
21
CTDR3_-1R5M
1.5
1.0
.003
21
CTDR3_-2R2M
2.2
1.0
.003
21
CTDR3_-2R7M
2.7
1.0
.003
21
CTDR3_-3R3M
3.3
1.0
.003
21
CTDR3_-3R9M
3.9
1.0
.003
21
CTDR3_-4R7M
4.7
1.0
.003
21
CTDR3_-5R6M
5.6
1.0
.003
21
CTDR3_-6R8M
6.8
1.0
.004
21
CTDR3_-8R2M
8.2
1.0
.004
21
CTDR3_-100M
10
1.0
.006
17
CTDR3_-120K
12
1.0
.008
13.5
CTDR3_-150K
15
1.0
.009
13.5
CTDR3_-180K
18
1.0
.010
13.5
CTDR3_-220K
22
1.0
.011
13.5
CTDR3_-270K
27
1.0
.012
13.5
CTDR3_-330K
33
1.0
.017
13.5
CTDR3_-390K
39
1.0
.022
11.4
CTDR3_-470K
47
1.0
.024
9.0
CTDR3_-560K
56
1.0
.026
9.0
CTDR3_-680K
68
1.0
.029
9.0
CTDR3_-820K
82
1.0
.032
9.0
CTDR3_-101K
100
1.0
.034
9.0
CTDR3_-121K
120
1.0
.046
7.2
CTDR3_-151K
150
1.0
.064
5.5
CTDR3_-181K
180
1.0
.072
5.5
CTDR3_-221K
220
1.0
.080
5.5
CTDR3_-271K
270
1.0
.110
4.5
CTDR3_-331K
330
1.0
.122
4.5
CTDR3_-391K
390
1.0
.169
4.0
CTDR3_-471K
470
1.0
.187
4.0
CTDR3_-561K
560
1.0
.205
4.0
CTDR3_-681K
680
1.0
.256
2.8
CTDR3_-821K
820
1.0
.288
2.8
CTDR3_-102K
1000
1.0
.426
2.0
CTDR3_-122K
1200
1.0
.462
2.0
CTDR3_-152K
1500
1.0
.518
2.0
CTDR3_-182K
1800
1.0
.705
1.6
CTDR3_-222K
2200
1.0
1.02
1.3
CTDR3_-272K
2700
1.0
1.14
1.3
CTDR3_-332K
3300
1.0
1.27
1.3
CTDR3_-392K
3900
1.0
1.67
1.0
CTDR3_-472K
4700
1.0
1.86
1.0
CTDR3 Series
From 1.0 µH to 4,700 µH
Not shown at actual size.
CHARACTERISTICS
Description: Radial leaded drum core inductor
Applications: Used in switching regulators, power amplifiers,
power supplies, SCR and Triac controls, speaker crossover
networks, RFI suppression and filters
Operating Temperature: -25°C to +85°C
Temperature Rise: 50°C Max. at IDC
IDC: Current at which inductance drops 10% Max.
Inductance Tolerance: ±10%, ±20%
Testing: Inductance is tested on an HP4284A at 1.0 kHz
Packaging: Bulk pack
Sleeving: Coils finished with UL-VW-1 sleeving
Mounting: Center hole furnished for mechanical mounting
Miscellaneous: RoHS Compliant available. Non-standard
tolerances and other values available.
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
RoHS
Compliant
Available


Similar Part No. - CTDR3

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR3F CT-CTDR3F Datasheet
213Kb / 1P
Drum Cores - Radial Leaded
More results

Similar Description - CTDR3

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDR1 CT-CTDR1 Datasheet
158Kb / 1P
Drum Cores - Radial Leaded
CTDR2 CT-CTDR2 Datasheet
156Kb / 1P
Drum Cores - Radial Leaded
CTDR2F CT-CTDR2F Datasheet
120Kb / 1P
Drum Cores - Radial Leaded
CTDR3F CT-CTDR3F Datasheet
213Kb / 1P
Drum Cores - Radial Leaded
CTDR4F CT-CTDR4F Datasheet
199Kb / 1P
Drum Cores - Radial Leaded
CTRL5480F-4 CT-CTRL5480F-4 Datasheet
339Kb / 1P
Drum Cores - Radial
CTRL5480F-5 CT-CTRL5480F-5 Datasheet
342Kb / 1P
Drum Cores - Radial
CTDR1F CT-CTDR1F Datasheet
115Kb / 1P
Drum Cores - Radial Leaded
CTDR5F CT-CTDR5F Datasheet
141Kb / 1P
Drum Core Inductors - Radial Leaded
CTDR6F CT-CTDR6F Datasheet
143Kb / 1P
Drum Core Inductors - Radial Leaded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com