Electronic Components Datasheet Search
  English  ▼

X  

CTDS5022 Datasheet(PDF) 1 Page - Central Technologies

Part # CTDS5022
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTDS5022 Datasheet(HTML) 1 Page - Central Technologies

  CTDS5022 Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2005 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
01.14.05
Size
A
B
C
D
E
F
Max.
Max.
Max.
mm
18.54
15.24
7.62
2.54
2.54
12.7
inches
0.73
0.6
0.3
0.1
0.1
0.5
A
B
1st significant digit
2nd significant digit
Ind. Code
3rd significant digit
C
E
F
D
Parts will be marked with
Significant Digit Dots OR Inductance Code
PHYSICAL DIMENSIONS
SPECIFICATIONS
Parts are available in ±20% tolerance only.
CTDS5022PF Please specify “F” for RoHS Compliant
L Test
Q
Q Test
DCR
Part
Inductance
Freq.
Fact.
Freq.
SRF
Max.
Isat
Irms
Number
(µH±20%)
(kHz)
Min.
(kHz)
(MHz)
(
Ω
Ω)
(A)
(A)
CTDS5022P_-103
10
100
40
100
24
.04
8.0
3.9
CTDS5022P_-153
15
100
40
100
16
.05
7.0
3.4
CTDS5022P_-223
22
100
40
100
14
.06
6.0
3.1
CTDS5022P_-333
33
100
40
100
11
.08
5.0
2.8
CTDS5022P_-473
47
100
40
100
8.0
.10
4.0
2.4
CTDS5022P_-683
68
100
40
100
7.0
.14
3.0
2.0
CTDS5022P_-104
100
100
40
100
5.5
.21
2.4
1.7
CTDS5022P_-154
150
100
50
100
4.8
.30
2.1
1.3
CTDS5022P_-224
220
100
50
100
4.0
.47
1.9
1.1
CTDS5022P_-334
330
100
50
100
3.0
.78
1.1
.86
CTDS5022P_-474
470
100
50
100
2.4
1.1
1.1
.73
CTDS5022P_-684
680
100
60
100
2.0
1.4
1.0
.64
CTDS5022P_-105
1000
100
60
100
1.0
2.0
0.8
.53
CTDS5022 Series
From 10 µH to 1,000 µH
Not shown at actual size.
CHARACTERISTICS
Description: SMD (shielded) power inductor
Applications: Ideal for high performance DC/DC converter
applications, computers, LCD displays and telecommunication
equipment. Especially those requiring shielding
Operating Temperature: -40°C to +85°C
∆∆T: 40°C typically at Irms
Inductance Tolerance: ±20%
Inductance Drop: 10% typically at Isat
Testing: Inductance and Q are tested on an HP4285A at 100 kHz
Packaging: Tape & Reel
Marking: Color dots OR Inductance code
Miscellaneous: RoHS Compliant available. Magnetically shielded
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
PAD LAYOUT
RoHS
Compliant
Available


Similar Part No. - CTDS5022

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTDS5022F CT-CTDS5022F Datasheet
219Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CTDS5022

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com