Electronic Components Datasheet Search
  English  ▼

X  

BAS16WT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BAS16WT1
Description  CASE 419-02, STYLE 2 SC-70/SOT-323
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BAS16WT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BAS16WT1 Datasheet HTML 1Page - Motorola, Inc BAS16WT1 Datasheet HTML 2Page - Motorola, Inc BAS16WT1 Datasheet HTML 3Page - Motorola, Inc BAS16WT1 Datasheet HTML 4Page - Motorola, Inc BAS16WT1 Datasheet HTML 5Page - Motorola, Inc BAS16WT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS16WT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Reverse Recovery Time Equivalent Test Circuit
Figure 2. Recovery Charge Equivalent Test Circuit
Figure 3. Forward Recovery Voltage Equivalent Test Circuit
VF
1 ns MAX
90%
10%
t
100 ns
tif
trr
Irr
500
Ω
DUT
50
Ω
DUTY CYCLE = 2%
Vf
90%
10%
20 ns MAX
t
400 ns
VC
VCM
t
VCM +
Qa
C
500
Ω DUT
BAW62
D1
243 pF
100 K
Ω
DUTY CYCLE = 2%
V
120 ns
t
2 ns MAX
10%
90%
V
Vfr
1 K
Ω
450
Ω
50
Ω
DUT
DUTY CYCLE = 2%
OSCILLOSCOPE
R
≥ 10 MΩ
C
≤ 7 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com