Electronic Components Datasheet Search
  English  ▼

X  

SN75123 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN75123
Description  DUAL LINE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75123 Datasheet(HTML) 1 Page - Texas Instruments

  SN75123 Datasheet HTML 1Page - Texas Instruments SN75123 Datasheet HTML 2Page - Texas Instruments SN75123 Datasheet HTML 3Page - Texas Instruments SN75123 Datasheet HTML 4Page - Texas Instruments SN75123 Datasheet HTML 5Page - Texas Instruments SN75123 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN75123
DUAL LINE DRIVER
SLLS086C – SEPTEMBER 1973 – REVISED APRIL 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
IBM
™ System 360 Input/Output Interface
Specification
D Operate From Single 5-V Supply
D TTL Compatible
D 3.11-V Output at IOH = –59.3 mA
D Uncommitted Emitter-Follower Output
Structure for Party-Line Operation
D Short-Circuit Protection
D AND-OR Logic Configuration
D Designed for Use With Triple Line Receiver
SN75124
D Designed to Be Interchangeable With
N8T13 and N8T23
description
The SN75123 is a dual line driver specifically designed to meet the input/output interface specifications for IBM
System 360. It also is compatible with standard-TTL logic and supply-voltage levels.
The SN75123 low-impedance emitter-follower outputs drive terminated lines such as coaxial cable or twisted
pair. Having the outputs uncommitted allows wired-OR logic to be performed in party-line applications. Output
short-circuit protection is provided by an internal clamping network that turns on when the output voltage drops
below approximately 1.5 V. All the inputs are in conventional TTL configuration, and the gating can be used
during power-up and power-down sequences to ensure that no noise is introduced to the line.
The SN75123 is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
C
D
E
F
Y
H
H
H
H
X
X
H
X
XX
X
H
H
H
All other input combinations
L
H = high level, L = low level, X = irrelevant
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IBM is a trademark of International Business Machines Corp.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1B
1C
1D
1E
1F
1Y
GND
VCC
2F
2E
2D
2C
2B
2A
2Y
D OR N PACKAGE
(TOP VIEW)
THE SN751730 IS RECOMMENDED
FOR NEW IBM 360/370 INTERFACE DESIGNS.


Similar Part No. - SN75123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75123 TI1-SN75123 Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75123 TI2-SN75123 Datasheet
260Kb / 9P
DUAL LINE DRIVER
REVISED APRIL 1998
SN75123D TI1-SN75123D Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75123DR TI1-SN75123DR Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75123N TI1-SN75123N Datasheet
246Kb / 10P
DUAL LINE DRIVER
More results

Similar Description - SN75123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75150 NSC-DS75150 Datasheet
103Kb / 6P
Dual Line Driver
logo
Texas Instruments
SN75150 TI-SN75150 Datasheet
101Kb / 7P
DUAL LINE DRIVER
SN75ALS191 TI-SN75ALS191 Datasheet
76Kb / 5P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI-SN75ALS121 Datasheet
183Kb / 5P
DUAL LINE DRIVER
SN75ALS123 TI-SN75ALS123 Datasheet
289Kb / 4P
DUAL LINE DRIVER
SN75ALS191DE4 TI-SN75ALS191DE4 Datasheet
652Kb / 14P
DUAL DIFFERENTIAL LINE DRIVER
SN75ALS121 TI1-SN75ALS121_08 Datasheet
93Kb / 7P
DUAL LINE DRIVER
SN75ALS123 TI1-SN75ALS123_08 Datasheet
79Kb / 5P
DUAL LINE DRIVER
SN75123 TI1-SN75123_14 Datasheet
246Kb / 10P
DUAL LINE DRIVER
SN75150 TI1-SN75150_14 Datasheet
465Kb / 15P
DUAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com