Electronic Components Datasheet Search
  English  ▼

X  

SN75124 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75124
Description  TRIPLE LINE RECEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75124 Datasheet(HTML) 2 Page - Texas Instruments

  SN75124 Datasheet HTML 1Page - Texas Instruments SN75124 Datasheet HTML 2Page - Texas Instruments SN75124 Datasheet HTML 3Page - Texas Instruments SN75124 Datasheet HTML 4Page - Texas Instruments SN75124 Datasheet HTML 5Page - Texas Instruments SN75124 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN75124
TRIPLE LINE RECEIVER
SLLS058B – SEPTEMBER 1973 – REVISED MAY 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
logic symbol†
2Y
15
12
11
10
6
5
4
3
2
1
14
3Y
1Y
9
7
13
3A
3S
3R
2B
2A
2S
2R
1B
1A
1S
1R
≥ 1
&
&
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
≥ 1
logic diagram (positive logic)
3A
3S
3R
2B
2A
2S
2R
1B
1A
1S
1R
9
7
13
1Y
2Y
3Y
12
11
10
6
5
4
3
2
1
15
14
schematic (each receiver)
58
Ω
13, 7, 9
Y
800
Ω
4 k
Ω
4 k
Ω
A
B‡
1, 5, 12
2, 6
S
15, 4, 11
16
VCC
14, 3, 10
R
8
GND
...VCC bus
To Other
Receivers
V
V
V
V
To Other
Receivers
‡ B input is provided on receivers 1 and 2 only
Resistor values shown are nominal.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com