Electronic Components Datasheet Search
  English  ▼

X  

SN75140 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN75140
Description  DUAL LINE RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75140 Datasheet(HTML) 3 Page - Texas Instruments

  SN75140 Datasheet HTML 1Page - Texas Instruments SN75140 Datasheet HTML 2Page - Texas Instruments SN75140 Datasheet HTML 3Page - Texas Instruments SN75140 Datasheet HTML 4Page - Texas Instruments SN75140 Datasheet HTML 5Page - Texas Instruments SN75140 Datasheet HTML 6Page - Texas Instruments SN75140 Datasheet HTML 7Page - Texas Instruments SN75140 Datasheet HTML 8Page - Texas Instruments SN75140 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SN75140
DUAL LINE RECEIVER
SLLS080C – JANUARY 1977 – REVISED APRIL 1998
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.5
5
5.5
V
Reference input voltage, Vref
1.5
3.5
V
High-level line input voltage, VIH(L)
Vref+0.1
VCC–1
V
Low-level line input voltage, VIL(L)
0
Vref–0.1
V
High-level strobe input voltage, VIH(S)
2
5.5
V
Low-level strobe input voltage, VIL(S)
0
0.8
V
Operating free-air temperature range, TA
0
70
°C
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ±10%, Vref = 1.5 V to 3.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Strobe input clamp voltage
II(S) = –12 mA
–1.5
V
VOH
High level output voltage
VIL(L) =V f 100 mV
VIL(S) =0 8V
IOH = 400 µA
24
V
VOH
High-level output voltage
VIL(L) = Vref – 100 mV,
VIL(S) = 0.8 V, IOH = –400 µA
2.4
V
VIH(L) =V f + 100 mV
VIL(S) =0 8V
IOL =16mA
04
VOL
Low level output voltage
VIH(L) = Vref + 100 mV,
VIL(S) = 0.8 V, IOL = 16 mA
0.4
V
VOL
Low-level output voltage
VIL(L) =V f 100 mV
VIH(S) =2V
IOL =16mA
04
V
VIL(L) = Vref – 100 mV,
VIH(S) = 2 V,
IOL = 16 mA
0.4
II(S)
Strobe input
current at
Strobe
VI(S) =5 5V
1
mA
II(S)
maximum input
voltage
COMSTRB
VI(S) = 5.5 V
2
mA
Strobe
VI(S) =2 4V
40
Hi h l
l
COMSTRB
VI(S) = 2.4 V
80
IIH
High-level
input current
LINE
VI(L) = 3.5 V,
Vref = 1.5 V
35
100
µA
in ut current
Reference
VI(L) =0
V f =3 5V
35
100
COMREF
VI(L) = 0,
Vref = 3.5 V
70
200
Strobe
VI(S) =0 4V
–1.6
mA
Lll
COMSTRB
VI(S) = 0.4 V
–3.2
mA
IIL
Low-level
input current
LINE
VI(L) = 0,
Vref = 1.5 V
–10
in ut current
Reference
VI(L) =1 5V
V f =0
–10
µA
COMREF
VI(L) = 1.5 V,
Vref = 0
–20
IOS
Short-circuit output current‡
VCC = 5.5 V
–18
–55
mA
ICCH
Supply current, output high
VI(S) = 0,
VI(L) = Vref – 100 mV
18
30
mA
ICCL
Supply current, output low
VI(S) = 0,
VI(L) = Vref + 100 mV
20
35
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Only one output should be shorted at a time.
switching characteristics, VCC = 5 V, Vref = 2.5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH(L)
Propagation delay time, low- to high-level output from LINE
CL = 15 pF, RL = 400 kΩ,
See Figure 1
22
35
ns
tPHL(L)
Propagation delay time, high- to low-level output from LINE
CL = 15 pF, RL = 400 kΩ,
See Figure 1
22
30
ns
tPLH(S)
Propagation delay time,
low- to high-level output from COMSTRB
CL = 15 pF, RL = 400 kΩ,
See Figure 1
12
22
ns
tPHL(S)
Propagation delay time,
high- to low-level output from COMSTRB
CL = 15 pF, RL = 400 kΩ,
See Figure 1
8
15
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com