Electronic Components Datasheet Search
  English  ▼

X  

ALN2500 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALN2500
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2500 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALN2500 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2500 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2500 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2500 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
November 2008
plerowTM ALN2500
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
3.1
-14.58
-9.49
26.33
0.20
1.014
10.04
16.14
20
3.2
-18.40
-13.18
27.41
0.35
0.995
11.27
28.69
27
3.3
-20.84
-15.85
27.81
0.42
0.971
14.21
30.32
35
3.4
-21.91
-17.63
28.25
0.45
0.944
16.19
32.24
43
3.5
-22.64
-19.30
28.46
0.46
0.955
17.45
33.65
53
3.6
-22.80
-20.87
28.62
0.46
0.958
18.35
34.74
63
3.7
-22.66
-22.51
28.75
0.46
0.967
18.87
36.02
72
3.8
-22.19
-23.88
28.82
0.46
0.960
19.32
36.51
82
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
°C
-14.56
-11.67
28.22
0.14
0.613
6.17
13.57
20
- 20
°C
-16.11
-13.84
28.77
0.25
0.704
8.15
20.77
24
0
°C
-17.24
-15.11
28.79
0.31
0.811
10.74
28.10
28
25
°C
-19.10
-16.20
28.63
0.32
0.989
14.02
29.88
34
40
°C
-19.55
-16.30
28.46
0.35
1.111
15.05
30.80
38
60
°C
-20.07
-16.70
28.34
0.39
1.202
16.28
31.83
42
80
°C
-20.66
-16.83
28.04
0.42
1.307
17.18
32.51
46
100
°C
-21.18
-17.01
27.78
0.46
1.447
17.62
32.85
49
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com