Electronic Components Datasheet Search
  English  ▼

X  

ALN2592 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ALN2592
Description  Internally Matched LNA Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2592 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ALN2592 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2592 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2592 Datasheet HTML 3Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
www.asb.co.kr
November 2008
plerowTM ALN2592
Internally Matched LNA Module
S-parameters
Noise Figure
OIP3
P1dB
2577.5~2607
+5 V
Typical Performance
(Measured)
2570
2580
2590
2600
2610
-40
-35
-30
-25
-20
-15
-10
-5
0
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
S12
S11
S22
S21
Frequency [MHz]
0
500
1000
1500
2000
2500
3000
3500
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
0
1
2
3
4
5
6
7
8
9
10
S12
S11
S22
S21
Frequency [MHz]
S-parameters & K Factor



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com