Electronic Components Datasheet Search
  English  ▼

X  

SN75185 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75185
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185 Datasheet(HTML) 4 Page - Texas Instruments

  SN75185 Datasheet HTML 1Page - Texas Instruments SN75185 Datasheet HTML 2Page - Texas Instruments SN75185 Datasheet HTML 3Page - Texas Instruments SN75185 Datasheet HTML 4Page - Texas Instruments SN75185 Datasheet HTML 5Page - Texas Instruments SN75185 Datasheet HTML 6Page - Texas Instruments SN75185 Datasheet HTML 7Page - Texas Instruments SN75185 Datasheet HTML 8Page - Texas Instruments SN75185 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181A – DECEMBER 1994 – REVISED NOVEMBER 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
supply currents
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VDD = 9 V,
VSS = – 9 V
15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
19
mA
IDD
Supply current from VDD
VDD = 15 V,
VSS = – 15 V
25
IDD
Supply current from VDD
VDD = 9 V,
VSS = – 9 V
4.5
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
5.5
mA
VDD = 15 V,
VSS = – 15 V
9
VDD = 9 V,
VSS = – 9 V
–15
All inputs at 1.9 V,
No load
VDD = 12 V,
VSS = – 12 V
–19
mA
ISS
Supply current from VSS
VDD = 15 V,
VSS = – 15 V
–25
ISS
Supply current from VSS
VDD = 9 V,
VSS = – 9 V
– 3.2
All inputs at 0.8 V,
No load
VDD = 12 V,
VSS = – 12 V
– 3.2
mA
VDD = 15 V,
VSS = – 15 V
– 3.2
ICC
Supply current from VCC
VCC = 5 V,
All inputs at 5 V,
No load
30
mA
DRIVER SECTION
electrical characteristics over recommended operating free-air temperature range, VDD = 9 V,
VSS = –9 V, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VIL = 0.8 V,
RL = 3 kΩ,
See Figure 1
6
7.5
V
VOL
Low-level output voltage (see Note 6)
VIH = 1.9 V,
RL = 3 kΩ,
See Figure 1
– 7.5
–6
V
IIH
High-level input current
VI = 5 V,
See Figure 2
10
µA
IIL
Low-level input current
VI = 0,
See Figure 2
– 1.6
mA
IOS(H)
High-level short-circuit output current
(see Note 7)
VIL = 0.8 V,
VO = 0,
See Figure 1
– 4.5
–12
– 19.5
mA
IOS(L)
Low-level short-circuit output current
VIH = 2 V,
VO = 0,
See Figure 1
4.5
12
19.5
mA
ro
Output resistance (see Note 8)
VCC = VDD = VSS = 0,
VO = – 2 V to 2 V
300
Ω
NOTES:
6. The algebraic convention, where the more positive (less negative) limit is designated as maximum, is used in this data sheet for logic
levels only (e.g., if –10 V is maximum, the typical value is a more negative voltage).
7. Output short-circuit conditions must maintain the total power dissipation below absolute maximum ratings.
8. Test conditions are those specified by TIA/EIA-232-F and as listed above.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = –12 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF,
315
500
ns
tPHL
Propagation delay time, high-to-low-level output
L
,
L
,
See Figure 3
75
175
ns
tTLH
Transition time low to high level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF,
See Figure 3
60
100
ns
tTLH
Transition time, low-to-high-level output
RL = 3 kΩ to 7 kΩ, CL = 2500 pF,
See Figure 3 and Note 9
1.7
2.5
µs
tTHL
Transition time high to low level output
RL = 3 kΩ to 7 kΩ, CL = 15 pF,
See Figure 3
40
75
ns
tTHL
Transition time, high-to-low-level output
RL = 3 kΩ to 7 kΩ, CL = 2500 pF,
See Figure 3 and Note 10
1.5
2.5
µs
NOTES:
9. Measured between – 3-V and 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied.
10. Measured between 3-V and – 3-V points of the output waveform (TIA/EIA-232-F conditions), all unused inputs are tied.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com